Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2731XMF_NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. LM2731XMF_NOPB
Description  LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

LM2731XMF_NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2731XMF_NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 9Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 10Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 11Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 12Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 13Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 15Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2
3
4
5
6
7
8
VIN (V)
0
200
400
600
800
1000
1200
V
OUT = 5V
V
OUT = 8V
V
OUT = 10V
V
OUT = 12V
VIN (V)
0
200
400
600
800
1000
1200
2
3
4
5
6
7
8
9
10
11
V
OUT = 5V
V
OUT = 8V
V
OUT = 10V
V
OUT = 12V
V
OUT = 18V
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
TI Confidential - NDA Restrictions
LM2731
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
www.ti.com
CALCULATING LOAD CURRENT
As shown in the figure which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN-VSW) / (f x L)
(9)
combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(10)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages for both the "X" and "Y" versions of the LM2731 and displayed the maximum
load current available for a typical device in graph form:
Figure 33. Max. Load Current (typ) vs VIN - "X"
Figure 34. Max. Load Current (typ) vs VIN - "Y"
14
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2731


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn