Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2731XMF_NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. LM2731XMF_NOPB
Description  LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

LM2731XMF_NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2731XMF_NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 9Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 10Page - Texas Instruments LM2731XMF_NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
0
20
40
60
80
100
120
140
160
LOAD (mA)
0
10
20
30
40
50
60
70
80
600
0
100
200
300
400
500
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
LOAD (mA)
1400
0
200
400
600
800 1000 1200
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
70
0
0
100
200
300
400
500
600
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
TI Confidential - NDA Restrictions
LM2731
www.ti.com
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, SHDN pin tied to VIN.
Efficiency
Efficiency
vs
vs
Load Current - "X"
Load Current - "X"
VIN = 2.7V, VOUT = 5V
VIN = 3.3V, VOUT = 5V
Figure 15.
Figure 16.
Efficiency
Efficiency
vs
vs
Load Current - "X"
Load Current - "X"
VIN = 4.2V, VOUT = 5V
VIN = 2.7V, VOUT = 12V
Figure 17.
Figure 18.
Efficiency
Efficiency
vs
vs
Load Current - "X"
Load Current - "X"
VIN = 3.3V, VOUT = 12V
VIN = 5V, VOUT = 12V
Figure 19.
Figure 20.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2731


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn