Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393MX Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM393MX
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393MX Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM393MX Datasheet HTML 11Page - Texas Instruments LM393MX Datasheet HTML 12Page - Texas Instruments LM393MX Datasheet HTML 13Page - Texas Instruments LM393MX Datasheet HTML 14Page - Texas Instruments LM393MX Datasheet HTML 15Page - Texas Instruments LM393MX Datasheet HTML 16Page - Texas Instruments LM393MX Datasheet HTML 17Page - Texas Instruments LM393MX Datasheet HTML 18Page - Texas Instruments LM393MX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM193AH
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM193AH
LM193AH/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM193AH
LM193H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM193H
LM193H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM193H
LM2903ITL/NOPB
ACTIVE
DSBGA
YZR
8
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
03
LM2903ITLX/NOPB
ACTIVE
DSBGA
YZR
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
03
LM2903M
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM
2903M
LM2903M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2903M
LM2903MX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
LM
2903M
LM2903MX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2903M
LM2903N
ACTIVE
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 85
LM
2903N
LM2903N/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-40 to 85
LM
2903N
LM293H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-25 to 85
LM293H
LM293H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-25 to 85
LM293H
LM393M
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
0 to 70
LM
393M
LM393M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM
393M
LM393MX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
0 to 70
LM
393M


Similar Part No. - LM393MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM393MX NSC-LM393MX Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Rohm
LM393MX ROHM-LM393MX Datasheet
283Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
LM393MX ROHM-LM393MX Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
Texas Instruments
LM393MX TI1-LM393MX Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM393MX FAIRCHILD-LM393MX Datasheet
155Kb / 8P
   Dual Differential Comparator
More results

Similar Description - LM393MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com