Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431ACM3X Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM431ACM3X
Description  LM431 Adjustable Precision Zener Shunt Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431ACM3X Datasheet(HTML) 3 Page - Texas Instruments

  LM431ACM3X Datasheet HTML 1Page - Texas Instruments LM431ACM3X Datasheet HTML 2Page - Texas Instruments LM431ACM3X Datasheet HTML 3Page - Texas Instruments LM431ACM3X Datasheet HTML 4Page - Texas Instruments LM431ACM3X Datasheet HTML 5Page - Texas Instruments LM431ACM3X Datasheet HTML 6Page - Texas Instruments LM431ACM3X Datasheet HTML 7Page - Texas Instruments LM431ACM3X Datasheet HTML 8Page - Texas Instruments LM431ACM3X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM431
www.ti.com
SNVS020G – MAY 2000 – REVISED APRIL 2013
LM431 Electrical Characteristics
TA = 25°C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
VZ = VREF, II = 10 mA
2.440
2.495
2.550
V
LM431A (Figure 4 )
VZ = VREF, II = 10 mA
2.470
2.495
2.520
V
LM431B (Figure 4 )
VZ = VREF, II = 10 mA
2.485
2.500
2.510
V
LM431C (Figure 4 )
VDEV
Deviation of Reference Input Voltage Over
VZ = VREF, II = 10 mA,
8.0
17
mV
Temperature(1)
TA = Full Range (Figure 4 )
ΔVREF/ΔVZ
Ratio of the Change in Reference Voltage
IZ = 10 mA
VZ from VREF to 10V
−1.4
−2.7
mV/V
to the Change in Cathode Voltage
(Figure 5 )
VZ from 10V to 36V
−1.0
−2.0
IREF
Reference Input Current
R1 = 10 kΩ, R2 = ∞, II = 10 mA
2.0
4.0
μA
(Figure 5 )
∝IREF
Deviation of Reference Input Current over
R1 = 10 kΩ, R2 = ∞, II = 10 mA,
0.4
1.2
μA
Temperature
TA = Full Range (Figure 5 )
IZ(MIN)
Minimum Cathode Current for Regulation
VZ = VREF(Figure 4 )
0.4
1.0
mA
IZ(OFF)
Off-State Current
VZ = 36V, VREF = 0V (Figure 6)
0.3
1.0
μA
rZ
Dynamic Output Impedance(2)
VZ = VREF, LM431A,
0.75
Ω
Frequency = 0 Hz (Figure 4 )
VZ = VREF, LM431B, LM431C
0.50
Ω
Frequency = 0 Hz (Figure 4 )
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range.
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Where:
T2 − T1 = full temperature change (0-70°C).
VREF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 8.0 mV, VREF = 2495 mV, T2 − T1 = 70°C, slope is positive.
(2)
The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 5 ), the dynamic output impedance of the overall
circuit, rZ, is defined as:
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM431


Similar Part No. - LM431ACM3X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM431ACM3X NSC-LM431ACM3X Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431ACM3X TI1-LM431ACM3X Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431ACM3X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com