Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2903N Datasheet(PDF) 15 Page - Texas Instruments

Part No. LM2903N
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903N Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2903N Datasheet HTML 11Page - Texas Instruments LM2903N Datasheet HTML 12Page - Texas Instruments LM2903N Datasheet HTML 13Page - Texas Instruments LM2903N Datasheet HTML 14Page - Texas Instruments LM2903N Datasheet HTML 15Page - Texas Instruments LM2903N Datasheet HTML 16Page - Texas Instruments LM2903N Datasheet HTML 17Page - Texas Instruments LM2903N Datasheet HTML 18Page - Texas Instruments LM2903N Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM193AH
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM193AH
LM193AH/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM193AH
LM193H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM193H
LM193H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM193H
LM2903ITL/NOPB
ACTIVE
DSBGA
YZR
8
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
03
LM2903ITLX/NOPB
ACTIVE
DSBGA
YZR
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
03
LM2903M
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM
2903M
LM2903M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2903M
LM2903MX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
LM
2903M
LM2903MX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2903M
LM2903N
ACTIVE
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 85
LM
2903N
LM2903N/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-40 to 85
LM
2903N
LM293H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-25 to 85
LM293H
LM293H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-25 to 85
LM293H
LM393M
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
0 to 70
LM
393M
LM393M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM
393M
LM393MX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
0 to 70
LM
393M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn