Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2903N Datasheet(PDF) 3 Page - Texas Instruments

Part No. LM2903N
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903N Datasheet(HTML) 3 Page - Texas Instruments

  LM2903N Datasheet HTML 1Page - Texas Instruments LM2903N Datasheet HTML 2Page - Texas Instruments LM2903N Datasheet HTML 3Page - Texas Instruments LM2903N Datasheet HTML 4Page - Texas Instruments LM2903N Datasheet HTML 5Page - Texas Instruments LM2903N Datasheet HTML 6Page - Texas Instruments LM2903N Datasheet HTML 7Page - Texas Instruments LM2903N Datasheet HTML 8Page - Texas Instruments LM2903N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage, V+
36V
Differential Input Voltage (3)
36V
Input Voltage
−0.3V to +36V
Input Current (VIN<−0.3V)
(4)
50 mA
Power Dissipation (5)
PDIP
780 mW
TO-99
660 mW
SOIC Package
510 mW
DSBGA Package
568mW
Output Short-Circuit to Ground (6)
Continuous
Operating Temperature Range
LM393
0°C to +70°C
LM293
−25°C to +85°C
LM193/LM193A
−55°C to +125°C
LM2903
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
+260°C
Soldering Information
CDIP, PDIP Package Soldering (10 seconds)
260°C
SOIC Package
215°C
Vapor Phase (60 seconds)
Infrared (15 seconds)
220°C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
ESD rating (1.5 k
Ω in series with 100 pF)
1300V
(1)
Refer to RETS193AX for LM193AH military specifications and to RETS193X for LM193H military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
(4)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3V.
(5)
For operating at high temperatures, the LM393 and LM2903 must be derated based on a 125°C maximum junction temperature and a
thermal resistance of 170°C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The
LM193/LM193A/LM293 must be derated based on a 150°C maximum junction temperature. The low bias dissipation and the “ON-OFF”
characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW), provided the output transistors are allowed to saturate.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn