Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931MGX Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV931MGX
Description  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931MGX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV931MGX Datasheet HTML 7Page - Texas Instruments LMV931MGX Datasheet HTML 8Page - Texas Instruments LMV931MGX Datasheet HTML 9Page - Texas Instruments LMV931MGX Datasheet HTML 10Page - Texas Instruments LMV931MGX Datasheet HTML 11Page - Texas Instruments LMV931MGX Datasheet HTML 12Page - Texas Instruments LMV931MGX Datasheet HTML 13Page - Texas Instruments LMV931MGX Datasheet HTML 14Page - Texas Instruments LMV931MGX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TIME (2.5 Ps/DIV)
VS = 1.8V
RL = 2 k:
TIME (2.5 Ps/DIV)
VS = 2.7V
RL = 2 k:
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
1.8V
2.7V
5V
RL = 600:
AV = +10
0
1
2
3
4
5
6
0.25
0.3
0.35
0.45
0.5
SUPPLY VOLTAGE (V)
0.4
RL = 2k:
AV = +1
VIN = 1VPP
FALLING EDGE
RISING EDGE
FREQUENCY (Hz)
1
0.1
0.01
10
100
1k
10k
100k
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
1.8V
2.7V
5V
RL = 600:
AV = +1
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Input Current Noise vs. Frequency
THD vs. Frequency
Figure 13.
Figure 14.
THD vs. Frequency
Slew Rate vs. Supply Voltage
Figure 15.
Figure 16.
Small Signal Non-Inverting Response
Small Signal Non-Inverting Response
Figure 17.
Figure 18.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV931MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931MGX NSC-LMV931MGX Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Texas Instruments
LMV931MGX TI-LMV931MGX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MGX TI1-LMV931MGX Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931MGX/NOPB TI-LMV931MGX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MGX/NOPB TI1-LMV931MGX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931MGX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321-N-Q1 TI-LMV321-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com