Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ2380E Datasheet(PDF) 7 Page - Texas Instruments

Part # LMX2541SQ2380E
Description  LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ2380E Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2541SQ2380E Datasheet HTML 3Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 4Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 5Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 6Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 7Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 8Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 9Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 10Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
LMX2541SQ2060E, LMX2541SQ2380E
LMX2541SQ2690E, LMX2541SQ3030E
LMX2541SQ3320E, LMX2541SQ3740E
www.ti.com
SNOSB31I – JULY 2009 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
(3.15 V
≤ VCC ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Charge Pump
0.4 V < VCPout < Vcc - 0.4
ICPoutV
4
%
Current vs. CP Voltage Variation
TA = 25°C
CP Current vs. Temperature
ICPoutT
VCPout = Vcc / 2
8
%
Variation
CPG = 1X
-116
Normalized PLL 1/f Noise
dBc/Hz
LNPLL_flicker(10 kHz)
CPG = 32X
-124.5
LN(f)
(3)
CPG = 1X
-220.8
Normalized PLL Noise Floor
dBc/Hz
LNPLL_flat(1 Hz)
CPG = 32X
-225.4
RFout Buffer Enabled and VCO_DIV > 1
400
4000
fExtVCOin
PLL Input Frequency
MHz
RFout Buffer Disabled and VCO_DIV = 1
400
6000
fExtVCOin ≤ 4 GHz
-15
10
PLL Input Sensitivity
pExtVCOin
dBm
((2) applies to Max Limit Only)
fExtVCOin > 4 GHz
-5
10
VCO Specifications
2060E
1990
2240
2380E
2200
2530
Mode = Full Chip Mode
2690E
2490
2865
fVCO
Internal VCO Frequency Range
This is the frequency before the
MHz
3030E
2810
3230
VCO divider.
3320E
3130
3600
3740E
3480
4000
Maximum Allowable Temperature
ΔTCL
(4),(5)
125
°C
Drift for Continuous Lock
2060E
3.5
2380E
2.8
Maximum Frequency
2690E
1.6
RF Output Power
pRFout
Default Power Mode
dBm
(6)
3030E
1.2
VCO_DIV=1
3320E
0.2
3740E
- 0.3
Fixed Temperature with 100 MHz frequency change
0.3
at the output
ΔPRFout
Change in Output Power
dB
Fixed frequency with a change over the entire
0.4
temperature range
(3)
Consult the Applications Information for more details on these parameters.
(4)
Not tested in production. Guaranteed by characterization. OSCin is tested only to 400 MHz.
(5)
Maximum Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction from the value it was
at the time that the R0 register was last programmed, and still have the device stay in lock. The action of programming the R0 register,
even to the same value, activates a frequency calibration routine. This implies that the device will work over the entire frequency range,
but if the temperature drifts more than the maximum allowable drift for continuous lock, then it will be necessary to reload the R0 register
to ensure that it stays in lock. Regardless of what temperature the device was initially programmed at, the temperature can never drift
outside the frequency range of -40°C
≤TA≤ 85°C without violating specifications.
(6)
The measurement of the output power is sensitive to the test circuit. All the numbers in the electrical specifications and typical
performance curves were obtained from a characterization setup that accommodate temperature testing and changing of parts. In a
more optimized setup the measured RF output power is typically on the order of 1.5 to 2.4 dB higher.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2541SQ2060E LMX2541SQ2380E LMX2541SQ2690E LMX2541SQ3030E
LMX2541SQ3320E LMX2541SQ3740E


Similar Part No. - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ2380E NSC-LMX2541SQ2380E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2380E TI-LMX2541SQ2380E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2380E TI1-LMX2541SQ2380E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ2380E/NOPB TI1-LMX2541SQ2380E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com