Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38690DTX-1.8 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP38690DTX-1.8
Description  1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38690DTX-1.8 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38690DTX-1.8 Datasheet HTML 4Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 5Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 6Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 7Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 8Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 9Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 10Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 11Page - Texas Instruments LP38690DTX-1.8 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
400
200
0
-200
-400
0.01
1
ILOAD
VOUT
COUT = 10 PF
40 Ps/DIV
200
100
0
-100
-200
0.01
0.5
ILOAD
VOUT
COUT = 10 PF
40 Ps/DIV
100
50
0
-50
-100
3
4
5
VIN
VOUT
VOUT = 3.3V
100 Ps/DIV
COUT = 1 PF
100
50
0
-50
-100
0.01
1
ILOAD
VOUT
COUT = 100 PF
200 Ps/DIV
20
10
0
-10
-20
3
4
5
VIN
VOUT
VOUT = 3.3V
COUT = 100 PF
200 Ps/DIV
100
50
0
-50
-100
3
4
5
VIN
VOUT
VOUT = 3.3V
COUT = 10 PF
100 Ps/DIV
LP38690, LP38692
SNVS322J – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, Enable pin is tied to VIN (LP38692 only), VOUT = 1.8V, VIN = VOUT
+1V, IL = 10mA.
Line Transient Response
Line Transient Response
Figure 15.
Figure 16.
Line Transient Response
Load Transient Response
Figure 17.
Figure 18.
Load Transient Response
Load Transient Response
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP38690 LP38692


Similar Part No. - LP38690DTX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
   1A Low Dropout CMOS Linear Regulators
LP38690-ADJ NSC-LP38690-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
More results

Similar Description - LP38690DTX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com