Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2940CS-12 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2940CS-12
Description  LM2940-N/LM2940C 1A Low Dropout Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CS-12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2940CS-12 Datasheet HTML 2Page - Texas Instruments LM2940CS-12 Datasheet HTML 3Page - Texas Instruments LM2940CS-12 Datasheet HTML 4Page - Texas Instruments LM2940CS-12 Datasheet HTML 5Page - Texas Instruments LM2940CS-12 Datasheet HTML 6Page - Texas Instruments LM2940CS-12 Datasheet HTML 7Page - Texas Instruments LM2940CS-12 Datasheet HTML 8Page - Texas Instruments LM2940CS-12 Datasheet HTML 9Page - Texas Instruments LM2940CS-12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LM2940-N, LM2940C
SNVS769I – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
VIN = VO + 5V, IO = 1A, CO = 22 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range of the indicated device. All other specifications apply for TA = TJ = 25°C.
Output Voltage (VO)
9V
10V
LM2940-N
LM2940-N
Units
Parameter
Conditions
Typ
Limit
Typ
Limit
(1)
(1)
Maximum Line Transient
RO = 100Ω
T
≤ 100 ms
LM2940-N
75
60/60
75
60/60
VMIN
LM2940C
55
45
Reverse Polarity
RO = 100Ω
DC Input Voltage
LM2940-N
−30
−15/−15
−30
−15/−15
VMIN
LM2940C
−30
−15
Reverse Polarity
RO = 100Ω
Transient Input Voltage
T
≤ 100 ms
LM2940-N
−75
−50/−50
−75
−50/−50
VMIN
LM2940C
−55
−45/−45
Electrical Characteristics
VIN = VO + 5V, IO = 1A, CO = 22 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range of the indicated device. All other specifications apply for TA = TJ = 25°C.
Output Voltage (VO)
12V
15V
Parameter
Conditions
Typ
LM2940-N
LM2940-
Typ
LM2940-N
LM2940-
Units
Limit (1)
N/833
Limit (1)
N/833
Limit (2)
Limit (2)
Output Voltage
13.6V
≤ VIN ≤ 26V
16.75V
≤ VIN ≤ 26V
5 mA
≤ IO ≤1A
12.0
11.64/11.40
11.64/11.40
15.0
14.55/14.25
14.55/14.25
VMIN
0
0
12.36/12.60
12.36/12.60
15.45/15.75
15.45/15.75
VMAX
Line Regulation
VO + 2V ≤ VIN ≤ 26V,
20
120
75/120
20
150
95/150
mVMAX
IO = 5 mA
Load Regulation
50 mA
≤ IO ≤ 1A
LM2940-N, LM2940-N/883
55
120/200
120/190
150/240
mVMAX
LM2940C
55
120
70
150
Output Impedance
100 mADC and
20 mArms,
80
1000/1000
100
1000/1000
m
Ω
fO = 120 Hz
Quiescent
VO +2V ≤ VIN ≤ 26V,
Current
IO = 5 mA
LM2940-N, LM2940-N/883
10
15/20
15/20
15/20
mAMAX
LM2940C
10
15
10
15
VIN = VO + 5V, IO = 1A
30
45/60
50/60
30
45/60
50/60
mAMAX
Output Noise
10 Hz
− 100 kHz,
360
1000/1000
450
1000/1000
μVrms
Voltage
IO = 5 mA
(1)
All limits are specified at TA = TJ = 25°C only (standard typeface) or over the entire operating temperature range of the indicated device
(boldface type). All limits at TA = TJ = 25°C are 100% production tested. All limits at temperature extremes are specified via correlation
using standard Statistical Quality Control methods.
(2)
All limits are specified at TA = TJ = 25°C only (standard typeface) or over the entire operating temperature range of the indicated device
(boldface type). All limits are 100% production tested and are used to calculate Outgoing Quality Levels.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2940-N LM2940C


Similar Part No. - LM2940CS-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940CS-12 NSC-LM2940CS-12 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940CS-12 TI1-LM2940CS-12 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940CS-12/NOPB TI1-LM2940CS-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Similar Description - LM2940CS-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940-N TI1-LM2940-N Datasheet
461Kb / 22P
[Old version datasheet]   LM2940/LM2940C 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com