Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9541060500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9541060500
Description  Computer Cable for EIA RS-232 Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9541060500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9541060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9541060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9541060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9541 Non-Paired - Computer Cable for EIA RS-232 Applications
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 2
and 2R (ICEA).pdf
Description:
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Conductors
15
Total Number of Conductors
15
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PVC - Polyvinyl Chloride
Nom. Insulation Wall Thickness
.010 in.
OVERALL CABLING:
Overall Cabling Lay Length
3.0 in.
Overall Cabling Color Code Chart :
Number
Color
1
Black
2
White
3
Red
4
Green
5
Orange
6
Blue
7
White/Black
8
Red/Black
Number
Color
9
Green/Black
10
Orange/Black
11
Blue/Black
12
Black/White
13
Red/White
14
Green/White
15
Blue/White
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Material
Aluminum Foil-Polyester Tape
Page 1 of 3


Similar Part No. - 9541060500

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954101YGLFT RENESAS-954101YGLFT Datasheet
386Kb / 18P
   Programmable Timing Control Hub™ for Desktop P4™ Systems
2019
More results

Similar Description - 9541060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9507 ETC1-9507 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9508 ETC1-9508 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9505 ETC2-9505 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9509 ETC2-9509 Datasheet
38Kb / 3P
   Computer Cable for EIA RS-232 Applications
9502 ETC2-9502 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9501 ETC2-9501 Datasheet
32Kb / 3P
   Computer Cable for EIA RS-232 Applications
9515 ETC1-9515 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9536 ETC2-9536 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9537 ETC1-9537 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9540 ETC2-9540 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com