Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69313-40LFXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYRF69313-40LFXC
Description  Programmable Radio-on-Chip LPstar
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313-40LFXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYRF69313-40LFXC Datasheet HTML 2Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 3Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 4Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 9Page - Cypress Semiconductor CYRF69313-40LFXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
CYRF69313
Document Number: 001-66503 Rev. *D
Page 6 of 81
Pinouts
Figure 1. 40-pin QFN pinout
RFBIAS
VBAT2
XTAL
P2.1
VCC
VBAT1
P0.4
VCC
P0.1
P0.3
VDD_Micro
P1. 3 / SS
P1. 4 / SCK
IRQ / GPIO
P1. 5 / MOSI
MISO / GPIO
XOUT / GPIO
P1. 2
P1.1/D-
P1.0/D+
* E- PAD Bottom Side
21
22
23
24
25
26
27
28
29
30
10
9
8
7
6
5
4
3
2
1
CYRF69313
PRoC LPstar
Corner
tabs
Pin Configuration
Pin
Name
Function
1
P0.4
Individually configured GPIO
2
Xtal_in
12 MHz Crystal. External clock in
3, 7, 16, 40
VCC
Connected to pin 24 via 0.047
F capacitor
4
P0.3
Individually configured GPIO
5
P0.1
Individually configured GPIO
6, 9, 39
Vbat
Connected to pin 24 via 0.047
Fshunt capacitor
8
P2.1
GPIO. Port 2 Bit 1
10
RF Bias
RF pin voltage reference
11
RFp
Differential RF input to/from antenna
12
GND
Ground
13
RFn
Differential RF to/from antenna
14, 17, 18, 20,
36
NC
15
P2.0
GPIO. Port 2 Bit 0
19
RESV
Reserved. Must connect to GND
21
P1.0 / D+ /
ISSP-SCLK
GPIO 1.0 / Low speed USB I/O / ISSP-SCLK
22
P1.1 / D– /
ISSP-SDATA
GPIO 1.1 / Low speed USB I/O/ISSP-SDATA
23
VDD_micro
4.0–5.5 for 12 MHz CPU/4.75–5.5 for 24 MHz CPU
24
P1.2
Must be configured as 3.3 V output. It must have a 1–2
F output capacitor


Similar Part No. - CYRF69313-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69313-40LFXC CYPRESS-CYRF69313-40LFXC Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
More results

Similar Description - CYRF69313-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
   Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313 Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
CYRF69303 CYPRESS-CYRF69303 Datasheet
689Kb / 69P
   Programmable Radio-on-Chip LPstar
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com