Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69313-40LTXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYRF69313-40LTXC
Description  Programmable Radio-on-Chip LPstar
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313-40LTXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYRF69313-40LTXC Datasheet HTML 1Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 2Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 3Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 4Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
CYRF69313
Programmable Radio-on-Chip LPstar
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66503 Rev. *D
Revised April 27, 2013
Programmable Radio-on-Chip LPstar
Features
Radio System-on-Chip, with built-in 8-bit MCU in a single
device.
Operates in the unlicensed worldwide Industrial, Scientific, and
Medical (ISM) band (2.400 GHz to 2.483 GHz).
On
Air
compatible
with
second
generation
radio
WirelessUSB™ LP and PRoC LP.
Pin-to-pin compatible with PRoC LP except the pin 31 and
pin 37.
Intelligent
M8C based 8-bit CPU, optimized for human interface devices
(HID) applications
256 bytes of SRAM
8 Kbytes of flash memory with EEPROM emulation
In-System reprogrammable through D+/D– pins
CPU speed up to 12 MHz
16-bit free running timer
Low power wakeup timer
12-bit programmable interval timer with interrupts
Watchdog timer
Low Power
21 mA operating current (Transmit at –5 dBm)
Sleep current less than 1 µA
Operating voltage from 4.0 V to 5.25 V DC
Fast startup and fast channel changes
Supports coin-cell operated applications
Reliable and Robust
Receive sensitivity typical –90 dBm
AutoRate™ – dynamic data rate reception
Enables data reception for any of the supported bit rates
automatically.
DSSS (250 Kbps), GFSK (1 Mbps)
Operating temperature from 0 °C to 70 °C
Closed-loop frequency synthesis for minimal frequency drift
Simple Development
Auto transaction sequencer (ATS): MCU can stay sleeping
longer to save power
Framing, length, CRC16, and Auto ACK
Separate 16 byte transmit and receive FIFOs
Receive signal strength indication (RSSI)
Built-in serial peripheral interface (SPI) control while in sleep
mode
Advanced development tools based on Cypress’s PSoC
® Tools
Flexible I/O
2 mA source current on all GPIO pins. Configurable 8 mA or
50 mA/pin current sink on designated pins
Each GPIO pin supports high impedance inputs, configurable
pull-up, open-drain output, CMOS/TTL inputs, and CMOS
output
Maskable interrupts on all I/O pins
BOM Savings
Low external component count
Small footprint 40-pin QFN (6 mm × 6 mm)
GPIOs that require no external components
Operates off a single crystal
Integrated 3.3 V regulator
Integrated pull-up on D–
USB Specification Compliance
Conforms to USB specification version 2.0
Conforms to USB HID specification version 1.1
Supports one low speed USB device address
Supports one control endpoint and two data end points
Integrated USB transceiver
Applications
Wireless keyboards and mice
Presentation tools
Wireless gamepads
Remote controls
Toys
Fitness


Similar Part No. - CYRF69313-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69313-40LTXC CYPRESS-CYRF69313-40LTXC Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
More results

Similar Description - CYRF69313-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
   Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313 Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
CYRF69303 CYPRESS-CYRF69303 Datasheet
689Kb / 69P
   Programmable Radio-on-Chip LPstar
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com