Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69213 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYRF69213
Description  Programmable Radio on Chip Low Power
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69213 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYRF69213_13 Datasheet HTML 1Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 2Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 3Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 4Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 5Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 6Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 7Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 8Page - Cypress Semiconductor CYRF69213_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
CYRF69213
Programmable Radio on Chip Low Power
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-07552 Rev. *H
Revised April 25, 2013
Programmable Radio on Chip Low Power
PRoC™ LP Features
USB 2.0-USB-IF certified (TID # 40000552)
Single Device, Two Functions
8-bit, Flash based USB peripheral MCU function and 2.4 GHz
radio transceiver function in a single device
Flash Based Microcontroller Function
M8C based 8-bit CPU, optimized for Human Interface
Devices (HID) applications
256 bytes of SRAM
8 Kbytes of Flash memory with EEPROM emulation
In-System reprogrammable through D+/D– pins
16-bit free running timer
Low power wake up timer
12-bit Programmable Interval Timer with interrupts
Watchdog timer
Industry-Leading 2.4 GHz Radio Transceiver Function
Operates in the unlicensed worldwide Industrial, Scientific
and Medical (ISM) band (2.4 GHz to 2.483 GHz)
DSSS data rates of up to 250 Kbps
GFSK data rate of 1 Mbps
–97 dBm receive sensitivity
Programmable output power of up to +4 dBm
Auto Transaction Sequencer (ATS)
Framing CRC and Auto ACK
Received Signal Strength Indication (RSSI)
Automatic Gain Control (AGC)
Component Reduction
Integrated 3.3 V regulator
Integrated pull up on D–
GPIOs that require no external components
Operates off a single crystal
Flexible I/O
2 mA source current on all GPIO pins. Configurable 8 mA or
50 mA/pin current sink on designated pins
Each GPIO pin supports high impedance inputs, configurable
pull up, open-drain output, CMOS/TTL inputs and CMOS
output
Maskable interrupts on all I/O pins
USB Specification Compliance
Conforms to USB Specification Version 2.0
Conforms to USB HID Specification Version 1.1
Supports one Low Speed USB device address
Supports one control endpoint and two data end points
Integrated USB Transceiver
Operating Voltage from 4.0 V to 5.5 V DC
Operating Temperature from 0 to 70C
Pb-free 40-pin QFN Package
Advanced Development Tools Based on Cypress’s PSoC
®
Tools
Block Diagram
Microcontroller
Function
Radio
Function
RFn
RFp
RFbias
12MHz
1-2 uF
470nF
P0_1,3,4,7
P1_6:7
P2_0:1
470nF
. . . . . . .
IRQ/GPIO
MISO/GPIO
XOUT/GPIO
PACTL/GPIO
Vbus
D+/D-
4.7uF
P1.5/MOSI
P1.4/SCK
P1.3/nSS
. . . . .
2
2
2
4
1ohm


Similar Part No. - CYRF69213_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69213_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com