Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF8935 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYRF8935
Description  WirelessUSB??NL 2.4 GHz Low Power Radio
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF8935 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYRF8935_13 Datasheet HTML 3Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 4Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 5Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 6Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 7Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 8Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 9Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 10Page - Cypress Semiconductor CYRF8935_13 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CYRF8935
Document Number: 001-61351 Rev. *J
Page 7 of 40
The following sections show the detailed timing diagrams. All timing diagrams show active high for PKT and FIFO flags. Active low is
also available through register 41[10] setting.
Framer: Packet Length Handling
The CYRF8935 framer handles packet length by setting register
41[13] = 1. The first byte of the payload is regarded as packet
length (this length byte is not counted in the packet length). The
CYRF8935 supports packet lengths up to 255 bytes. The framer
handles Tx/Rx start and stop.
Transmit Timing
The Tx timing diagram is shown in Figure 5. After MCU writes
register 7[8]= TX_EN = 1, the framer automatically generates the
Tx packet using payload data from the FIFO register. The
frequency (RF channel) will be as specified in register 7 at the
time TX_EN is written to 1.
The MCU or application must load transmit data into the FIFO
register before the framer sends trailer bits. You can do this by
loading the transmit payload data into the FIFO register either
before or after writing TX_EN = 1. For slower applications, it is
easier to load the FIFO register, and then write TX_EN = 1. For
the higher frame rate (faster) applications, write register 7
TX_EN = 1, and then load the FIFO register with payload data
during the Tx on delay time, as shown in Figure 5.
If the packet length exceeds the FIFO length, the MCU must
write FIFO data multiple times. The FIFO flag indicates whether
FIFO is empty in transmit state.
Figure 5. Tx Timing Diagram when Register 41[13] = 1 (Framer Handles Packet Length)
PKT and FIFO Flags are Active High
Table 3. CYRF8935 Configuration for Packet Length
Register 41[13]
PACK_LENGTH_EN
Register 41[12]
FW_TERM_TX
CYRF8935 Framer Start/Stop
0
(MCU or application handles
packet length)
0
Transmit stops only when Register 7 TX_EN = 0.
See FW_TERM_TX = 0 (Transmit) on page 10 for details.
Receive stops only when Register 7 RX_EN = 0.
See FW_TERM_TX= 0 (Receive) on page 11 for details.
1
Transmit automatically stops whenever FIFO runs empty.
Receive stops only when Register 7 RX_EN = 0.
See Receive Timing on page 8.
1
(CYRF8935 framer handles
packet length)
x
(do not care)
The first byte of payload is regarded as packet length, 0 to 255 bytes.
Transmit automatically stops when all 0 to 255 bytes are transmitted.
See Framer: Packet Length Handling on page 7 for details.
SPI_SS
Internal
Tx On
2 µs
Tx On Delay
PA Ramp Up
Tx Packet
Transmit Data
Write Reg. 7
FIFO
MCU fills FIFO before framer sends trailer bits.
PKT = 1 after Tx packet has been sent.
FIFO = 1 when FIFO is empty
PKT


Similar Part No. - CYRF8935_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF8935 CYPRESS-CYRF8935 Datasheet
1Mb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results

Similar Description - CYRF8935_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF8935 CYPRESS-CYRF8935 Datasheet
1Mb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com