Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYF0018V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYF0018V
Description  18/36/72-Mbit Programmable FIFOs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYF0018V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYF0018V Datasheet HTML 2Page - Cypress Semiconductor CYF0018V Datasheet HTML 3Page - Cypress Semiconductor CYF0018V Datasheet HTML 4Page - Cypress Semiconductor CYF0018V Datasheet HTML 5Page - Cypress Semiconductor CYF0018V Datasheet HTML 6Page - Cypress Semiconductor CYF0018V Datasheet HTML 7Page - Cypress Semiconductor CYF0018V Datasheet HTML 8Page - Cypress Semiconductor CYF0018V Datasheet HTML 9Page - Cypress Semiconductor CYF0018V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CYF0018V
CYF0036V
CYF0072V
Document Number: 001-53687 Rev. *M
Page 6 of 36
TRST
Input
Reset pin for JTAG.
TMS
Input
Test mode select (TMS) pin for JTAG.
TDI
Input
Test data in (TDI) pin for JTAG.
TDO
Output
Test data out (TDO) pin for JTAG.
VREF
Input
Reference
Reference voltage: Reference voltage (regardless of I/O standard used)
VCC1
Power
Supply
Core voltage supply 1: 1.8 V supply voltage
VCC2
Power
Supply
Core voltage supply 2: 1.5 V supply voltage
VCCIO
Power
Supply
Supply for I/Os
VSS
Ground
Ground
DNU
Do not use: These pins need to be left floating.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CYF0018V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0018V18L-133BGXI CYPRESS-CYF0018V18L-133BGXI Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0018V18L-133BGXI CYPRESS-CYF0018V18L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF0018V33L-133BGXI CYPRESS-CYF0018V33L-133BGXI Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0018V33L-133BGXI CYPRESS-CYF0018V33L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
More results

Similar Description - CYF0018V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF0018V CYPRESS-CYF0018V Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF2018V CYPRESS-CYF2018V Datasheet
943Kb / 30P
   18/36/72-Mbit Programmable Multi-Queue FIFOs Independent read and write ports
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com