Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167ELL-45ZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62167ELL-45ZXI
Description  16-Mbit (1 M x 16 / 2 M x 8) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167ELL-45ZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62167ELL-45ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62167ELL-45ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY62167E MoBL®
Document Number: 001-15607 Rev. *D
Page 3 of 17
Pin Configuration
48-pin TSOP I pinout (Top View) [1, 2]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE
CE2
NC
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
I/O15/A20
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
Vcc
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
Vss
CE1
A0
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (µA)
f = 1 MHz
f = fmax
Min
Typ[3]
Max
Typ[3]
Max
Typ[3]
Max
Typ[3]
Max
CY62167ELL
4.5
5.0
5.5
45
2.2
4.0
25
30
1.5
12
Notes
1. NC pins are not connected on the die.
2. The BYTE pin in the 48-pin TSOPI package must be tied to VCC to use the device as a 1 M × 16 SRAM. The 48-TSOPI package can also be used as a 2 M × 8
SRAM by tying the BYTE signal to VSS. In the 2 M × 8 configuration, pin 45 is A20, while BHE, BLE and I/O8 to I/O14 pins are not used.
3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.


Similar Part No. - CY62167ELL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167ELL-45ZXI CYPRESS-CY62167ELL-45ZXI Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167ELL-45ZXI CYPRESS-CY62167ELL-45ZXI Datasheet
562Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167ELL-45ZXI CYPRESS-CY62167ELL-45ZXI Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167ELL-45ZXI CYPRESS-CY62167ELL-45ZXI Datasheet
526Kb / 17P
   16-Mbit (1 M x 16 / 2 M x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62167ELL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167E CYPRESS-CY62167E_11 Datasheet
526Kb / 17P
   16-Mbit (1 M x 16 / 2 M x 8) Static RAM Automatic power-down when deselected
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62158E CYPRESS-CY62158E_13 Datasheet
895Kb / 16P
   8-Mbit (1 M x 8) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33 Datasheet
466Kb / 12P
   64-Mbit (4 M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY62167DV30LL-55BVXIT CYPRESS-CY62167DV30LL-55BVXIT Datasheet
460Kb / 17P
   16-Mbit (1 M 횞 16) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com