Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157ELL-55BVXE Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62157ELL-55BVXE
Description  8-Mbit (512 K x 16) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157ELL-55BVXE Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62157ELL-55BVXE Datasheet HTML 2Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 3Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 4Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 5Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 6Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 7Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 8Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 9Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY62157E MoBL®
Document Number: 38-05695 Rev. *I
Page 6 of 18
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ [11]
Max
Unit
VDR
VCC for Data Retention
2
V
ICCDR[12]
Data Retention Current
VCC = 2 V, CE1 > VCC – 0.2 V or
CE2 < 0.2 V or
(BHE and BLE) > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
Industrial
8
A
Automotive
30
tCDR [13]
Chip Deselect to Data
Retention Time
0––
ns
tR [14]
Operation Recovery Time
CY62157ELL-45
45
ns
CY62157ELL-55
55
Data Retention Waveform
Figure 4. Data Retention Waveform [15]
VCC(min)
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
VCC(min)
CE1 or
VCC
BHE.BLE
CE2
or
Notes
11. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
12. Chip enables (CE1 and CE2) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
13. Tested initially and after any design or process changes that may affect these parameters.
14. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
15. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE.


Similar Part No. - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY62156ESL CYPRESS-CY62156ESL Datasheet
491Kb / 16P
   8-Mbit (512 K x 16) Static RAM
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com