Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62156ESL-45BVXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62156ESL-45BVXI
Description  8-Mbit (512 K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62156ESL-45BVXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62156ESL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62156ESL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY62156ESL MoBL®
Document Number: 001-54995 Rev. *D
Page 5 of 16
Capacitance
Parameter [8]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [8]
Description
Test Conditions
48-ball BGA
Unit
JA
Thermal resistance
(junction to ambient)
Still Air, soldered on a 3 × 4.5 inch, two-layer printed circuit
board
72
C/W
JC
Thermal resistance
(junction to case)
8.86
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
TH
Parameters
2.5 V
3.0 V
5.0 V
Unit
R1
16667
1103
1800
R2
15385
1554
990
RTH
8000
645
639
VTH
1.20
1.75
1.77
V
Note
8. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62156ESL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV18LL-55BAI CYPRESS-CY62157CV18LL-55BAI Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV18LL-70BAI CYPRESS-CY62157CV18LL-70BAI Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV25LL-70BAI CYPRESS-CY62157CV25LL-70BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62156ESL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY62157E CYPRESS-CY62157E_13 Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com