Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ELL-45ZSXA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62148ELL-45ZSXA
Description  4-Mbit (512 K x 8) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-45ZSXA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62148ELL-45ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 10Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 11Page - Cypress Semiconductor CY62148ELL-45ZSXA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY62148E MoBL®
Document Number: 38-05442 Rev. *L
Page 8 of 17
Switching Waveforms
Figure 4. Read Cycle No. 1 (Address Transition Controlled) [20, 21]
Figure 5. Read Cycle No. 2 (OE Controlled) [21, 22]
Figure 6. Write Cycle No. 1 (WE Controlled, OE HIGH During Write) [23, 24]
PREVIOUS DATA VALID
DATA VALID
RC
tAA
tOHA
tRC
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
IMPEDANCE
ICC
ISB
HIGH
ADDRESS
CE
DATA OUT
VCC
SUPPLY
CURRENT
OE
DATA VALID
tHD
tSD
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZOE
ADDRESS
CE
WE
DATA I/O
OE
NOTE 25
Notes
20. Device is continuously selected. OE, CE = VIL.
21. WE is HIGH for read cycles.
22. Address valid before or similar to CE transition LOW.
23. Data I/O is high impedance if OE = VIH.
24. If CE goes HIGH simultaneously with WE HIGH, the output remains in high impedance state.
25. During this period, the I/Os are in output state and input signals must not be applied.


Similar Part No. - CY62148ELL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-45ZSXA CYPRESS-CY62148ELL-45ZSXA Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ELL-45ZSXA CYPRESS-CY62148ELL-45ZSXA Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62148ELL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY62156ESL CYPRESS-CY62156ESL Datasheet
491Kb / 16P
   8-Mbit (512 K x 16) Static RAM
CY62157E CYPRESS-CY62157E_13 Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com