Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62147EV30LL-45ZSXA Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62147EV30LL-45ZSXA
Description  4-Mbit (256 K x 16) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147EV30LL-45ZSXA Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62147EV30LL-45ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62147EV30LL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY62147EV30 MoBL® Automotive
Document Number: 001-66256 Rev. *A
Page 4 of 18
Pin Configurations
Figure 1. 48-Ball VFBGA pinout (Single Chip Enable) [3, 4]
Figure 2. 48-Ball VFBGA pinout (Dual Chip Enable) [3, 4]
Figure 3. 44-Pin TSOP II pinout [3]
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
A7
I/O0
BHE
NC
A2
A1
BLE
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
NC
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
VCC
VSS
A17
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
A7
I/O0
BHE
CE2
A2
A1
BLE
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
NC
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
VCC
VSS
A17
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A15
A16
A8
A9
A10
A11
A13
A14
A12
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
A17
Notes
3. NC pins are not connected on the die.
4. Pins H1, G2, and H6 in the BGA package are address expansion pins for 8 Mb, 16 Mb, and 32 Mb, respectively.


Similar Part No. - CY62147EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147EV30LL-45ZSXA CYPRESS-CY62147EV30LL-45ZSXA Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62147EV30LL-45ZSXA CYPRESS-CY62147EV30LL-45ZSXA Datasheet
511Kb / 15P
   Automotive 4-Mbit (256K x 16) Static RAM Wide voltage range: 2.20 V to 3.60 V
More results

Similar Description - CY62147EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com