Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138F Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62138F
Description  2-Mbit (256 K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138F Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62138F_13 Datasheet HTML 6Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 7Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 8Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 9Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 10Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 11Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 12Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 13Page - Cypress Semiconductor CY62138F_13 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY62138F MoBL®
Document Number: 001-13194 Rev. *G
Page 10 of 16
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
HX[30]
X
X
High Z
Deselect/Power-down
Standby (ISB)
X[30]
L
X
X
High Z
Deselect/Power-down
Standby (ISB)
L
H
H
L
Data out
Read
Active (ICC)
L
H
H
H
High Z
Output disabled
Active (ICC)
L
H
L
X
Data in
Write
Active (ICC)
Note
30. The ‘X’ (Don’t care) state for the Chip enables (CE1 and CE2) in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these
pins is not permitted.


Similar Part No. - CY62138F_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138F_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com