Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14ME256J2-SXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14ME256J2-SXIT
Description  256-Kbit (32 K x 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME256J2-SXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14ME256J2-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14ME256J2-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
CY14MC256J
CY14MB256J
CY14ME256J
Document Number: 001-65233 Rev. *G
Page 3 of 30
Pinouts
Figure 1. 8-pin SOIC pinout [3]
Figure 2. 16-pin SOIC pinout
WP
SCL
1
2
3
4
5
A0
8
7
6
V
CC
SDA
A1
A2
V
Top View
not to scale
CY14MX256J1
SS
WP
SCL
1
2
3
4
5
8
7
6
V
CC
SDA
A1
A2
Top View
not to scale
CY14MX256J2
V
CAP
VSS
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
A2
SDA
SCL
A1
HSB
A0
Top View
not to scale
VSS
NC
NC
NC
NC
NC
CY14MX256J3
Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock. Runs at speeds up to a maximum of fSCL.
SDA
Input/Output I/O. Input/Output of data through I2C interface.
Output: Is open-drain and requires an external pull-up resistor.
WP
Input
Write Protect. Protects the memory from all writes. This pin is internally pulled LOW and hence can be
left open if not connected.
A2–A0 [3]
Input
Slave Address. Defines the slave address for I2C. This pin is internally pulled LOW and hence can be
left open if not connected.
HSB
Input/Output Hardware STORE Busy
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the SRAM
to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as no connect. It
must never be connected to ground.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply Ground.
VCC
Power supply Power supply.
Note
3. A0 pin is not available in CY14MX256J2.


Similar Part No. - CY14ME256J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME256J2-SXIT CYPRESS-CY14ME256J2-SXIT Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME256J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com