Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2303SXCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2303SXCT
Description  Phase-Aligned Clock Multiplier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SXCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2303SXCT Datasheet HTML 1Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 2Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 3Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 7Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 8Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY2303
Document Number: 38-07249 Rev. *F
Page 5 of 14
Switching Characteristics
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
1/t1
Output frequency
18-pF load
10
133.33
MHz
12-pF load
166.67
MHz
Duty cycle [3] = t2 t1
Measured at VDD/2
40
50
60
%
t3
Rise time [3]
Measured between 0.8 V and 2.0 V
1.20
ns
t4
Fall time [3]
Measured between 0.8 V and 2.0 V
1.20
ns
t5
Output to output skew on rising
edges [3]
All outputs equally loaded
Measured at VDD/2
200
ps
t6
Delay, REFIN rising edge to REF
rising edge [3]
Measured at VDD/2 from REFIN to
any output
200
ps
t7
Device to device skew [3]
Measured at VDD/2 on the REF pin
of the device (pin 1)
400
ps
tJ
Period jitter [3]
Measured at FOUT < 133.33 MHz,
loaded outputs, 18-pF load
80
175
ps
tLOCK
PLL lock time [3]
Stable power supply, valid clocks
presented on REFIN
1.0
ms
Note
3. All parameters are specified with loaded outputs.


Similar Part No. - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
127Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
More results

Similar Description - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303 CYPRESS-CY2303_08 Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300 Datasheet
125Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303 Datasheet
127Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_08 Datasheet
205Kb / 6P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_12 Datasheet
394Kb / 9P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_12 Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com