Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MB064J1-SXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14MB064J1-SXI
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064J1-SXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14MB064J1-SXI Datasheet HTML 1Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY14MB064J
CY14ME064J
64-Kbit (8 K × 8) Serial (I2C) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-65051 Rev. *H
Revised April 29, 2013
64-Kbit (8 K × 8) Serial (I2C) nvSRAM
Features
64-Kbit nonvolatile static random access memory (nvSRAM)
Internally organized as 8 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using I2C
command (Software STORE) or HSB pin (Hardware STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by I2C command (Software RECALL)
Automatic STORE on power-down with a small capacitor
(except for CY14MX064J1)
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years at 85 C
High speed I2C interface [1]
Industry standard 100 kHz and 400 kHz speed
Fast-mode Plus: 1 MHz speed
High speed: 3.4 MHz
Zero cycle delay reads and writes
Write protection
Hardware protection using Write Protect (WP) pin
Software block protection for 1/4, 1/2, or entire array
I2C access to special functions
Nonvolatile STORE/RECALL
8 byte serial number
Manufacturer ID and Product ID
Sleep mode
Low power consumption
Average active current of 1 mA at 3.4 MHz operation
Average standby mode current of 150 µA
Sleep mode current of 8 µA
Industry standard configurations
Operating voltages:
• CY14MB064J: VCC = 2.7 V to 3.6 V
• CY14ME064J: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Overview
The Cypress CY14MB064J/CY14ME064J combines a 64-Kbit
nvSRAM[2] with a nonvolatile element in each memory cell. The
memory is organized as 8 K words of 8 bits each. The embedded
nonvolatile elements incorporate the QuantumTrap technology,
creating the world’s most reliable nonvolatile memory. The
SRAM provides infinite read and write cycles, while the
QuantumTrap cells provide highly reliable nonvolatile storage of
data. Data transfers from SRAM to the nonvolatile elements
(STORE operation) takes place automatically at power-down
(except for CY14MX064J1). On power-up, data is restored to the
SRAM from the nonvolatile memory (RECALL operation). The
STORE and RECALL operations can also be initiated by the user
through I2C commands.
Configuration
Feature
CY14MX064J1 CY14MX064J2 CY14MX064J3
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Slave Address
pins
A2, A1, A0
A2, A1
A2, A1, A0
Serial Number
Manufacturer ID /
Product ID
Memory Control Register
Command Register
I C Control Logic
Slave Address
Decoder
Power Control
Block
Control Registers Slave
Memory
Address and Data
Control
Quantum Trap
8 K x 8
SRAM
8 K x 8
STORE
SDA
SCL
A2, A1, A0
WP
VCC VCAP
RECALL
Sleep
2
Memory Slave
Logic Block Diagram
Notes
1. The I2C nvSRAM is a single solution which is usable for all four speed modes of operation. As a result, some I/O parameters are slightly different than those on
chips which support only one mode of operation. Refer to AN87209 for more details.
2. Serial (I2C) nvSRAM is referred to as nvSRAM throughout the datasheet.


Similar Part No. - CY14MB064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J1-SXI CYPRESS-CY14MB064J1-SXI Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14MB064J1-SXI CYPRESS-CY14MB064J1-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1-SXIT CYPRESS-CY14MB064J1-SXIT Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14MB064J1-SXIT CYPRESS-CY14MB064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MB064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com