Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256PA-SFXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B256PA-SFXI
Description  256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256PA-SFXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B256PA-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 11Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 12Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 13Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 14Page - Cypress Semiconductor CY14B256PA-SFXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
CY14C256PA
CY14B256PA
CY14E256PA
Document Number: 001-65281 Rev. *G
Page 11 of 43
Write Protection and Block Protection
CY14X256PA provides features for both software and hardware
write protection using WRDI instruction and WP. Additionally, this
device also provides block protection mechanism through BP0
and BP1 pins of the Status Register.
The write enable and disable status of the device is indicated by
WEN bit of the Status Register. The write instructions (WRSR,
WRITE, WRTC and WRSN) and nvSRAM special instruction
(STORE, RECALL, ASENB, ASDISB) need the write to be
enabled (WEN bit = ‘1’) before they can be issued.
Write Enable (WREN) Instruction
On power-up, the device is always in the write disable state. The
following WRITE, WRSR, WRTC, WRSN or nvSRAM special
instruction must therefore be preceded by a Write Enable
instruction. If the device is not write enabled (WEN = ‘0’), it
ignores the write instructions and returns to the standby state
when CS is brought HIGH. A new CS falling edge is required to
re-initiate serial communication. The instruction is issued
following the falling edge of CS. When this instruction is used,
the WEN bit of Status Register is set to ‘1’. WEN bit defaults to
‘0’ on power-up.
Note After completion of a write instruction (WRSR, WRITE,
WRTC or WRSN) or nvSRAM special instruction (STORE,
RECALL, ASENB, ASDISB) instruction, WEN bit is cleared to ‘0’.
This is done to provide protection from any inadvertent writes.
Therefore, WREN instruction needs to be used before a new
write instruction is issued.
Figure 6. Read Status Register (RDSR) Instruction Timing
Figure 7. Fast Read Status Register (FAST_RDSR) Instruction Timing
CS
SCK
SO
0123456
7
SI
0000
0
1
0
0
1
HI-Z
0
12345
6
7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Op-Code
CS
SCK
SO
0123456
7
SI
0000
1
0
0
1
HI-Z
8
9
10 11 12 13 14 15
0
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
X
X
X
X
X
X
X
X
Dummy Byte
0
12345
6
7
Op-Code
Figure 8. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X


Similar Part No. - CY14B256PA-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256PA-SFXI CYPRESS-CY14B256PA-SFXI Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B256PA-SFXI CYPRESS-CY14B256PA-SFXI Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256PA-SFXIT CYPRESS-CY14B256PA-SFXIT Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B256PA-SFXIT CYPRESS-CY14B256PA-SFXIT Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14B256PA-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com