Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14C512J Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14C512J
Description  512-Kbit (64 K x 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C512J Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14C512J Datasheet HTML 5Page - Cypress Semiconductor CY14C512J Datasheet HTML 6Page - Cypress Semiconductor CY14C512J Datasheet HTML 7Page - Cypress Semiconductor CY14C512J Datasheet HTML 8Page - Cypress Semiconductor CY14C512J Datasheet HTML 9Page - Cypress Semiconductor CY14C512J Datasheet HTML 10Page - Cypress Semiconductor CY14C512J Datasheet HTML 11Page - Cypress Semiconductor CY14C512J Datasheet HTML 12Page - Cypress Semiconductor CY14C512J Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CY14C512J
CY14B512J
CY14E512J
Document Number: 001-65232 Rev. *G
Page 9 of 30
The nvSRAM enters into sleep mode as follows:
1. The Master sends a START command.
2. The Master sends Control Registers Slave device ID with I2C
Write bit set (R/W = ‘0’).
3. The Slave (nvSRAM) sends an ACK back to the Master.
4. The Master sends Command Register address (0xAA).
5. The Slave (nvSRAM) sends an ACK back to the Master.
6. The Master sends Command Register byte for entering into
Sleep mode.
7. The Slave (nvSRAM) sends an ACK back to the Master.
8. The Master generates a STOP condition.
Once in Sleep mode the device starts consuming IZZ current
tSLEEP time after SLEEP instruction is registered. The device is
not accessible for normal operations until it is out of sleep mode.
The nvSRAM wakes up after tWAKE duration after the device
slave address is transmitted by the master.
Transmitting any of the two slave addresses wakes the nvSRAM
from Sleep mode. The nvSRAM device is not accessible during
tSLEEP and tWAKE interval, and any attempt to access the
nvSRAM device by the master is ignored and nvSRAM sends
NACK to the master. As an alternative method of determining
when the device is ready, the master can send read or write
commands and look for an ACK.
Write Protection (WP)
The WP pin is an active high pin and protects entire memory and
all registers from write operations. To inhibit all the write
operations, this pin must be held high. When this pin is high, all
memory and register writes are prohibited and address counter
is not incremented. This pin is internally pulled LOW and hence
can be left open if not used.
AutoStore Operation
The AutoStore operation is a unique feature of nvSRAM which
automatically stores the SRAM data to QuantumTrap cells
during power-down. This STORE makes use of an external
capacitor (VCAP) and enables the device to safely STORE the
data in the nonvolatile memory when power goes down.
During normal operation, the device draws current from VCC to
charge the capacitor connected to the VCAP pin. When the
voltage on the VCC pin drops below VSWITCH during power-down,
the device inhibits all memory accesses to nvSRAM and
automatically performs a conditional STORE operation using the
charge from the VCAP capacitor. The AutoStore operation is not
initiated if no write cycle has been performed since the last
STORE or RECALL.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled by issuing the AutoStore Disable instruction
specified in Command Register on page 8. If AutoStore is
enabled without a capacitor on VCAP pin, the device attempts an
AutoStore operation without sufficient charge to complete the
Store. This will corrupt the data stored in nvSRAM as well as the
serial number and it will unlock the SNL bit.
Figure 10 shows the proper connection of the storage capacitor
(VCAP) for AutoStore operation. Refer to DC Electrical
Characteristics on page 18 for the size of the VCAP.
Figure 10. AutoStore Mode
Hardware STORE and HSB pin Operation
The HSB pin in CY14X512J is used to control and acknowledge
STORE operations. If no STORE or RECALL is in progress, this
pin can be used to request a Hardware STORE cycle. When the
HSB pin is driven LOW, the device conditionally initiates a
STORE operation after tDELAY duration. An actual STORE cycle
starts only if a write to the SRAM has been performed since the
last STORE or RECALL cycle. Reads and Writes to the memory
are inhibited for tSTORE duration or as long as HSB pin is LOW.
The HSB pin also acts as an open drain driver (internal 100 k
weak pull-up resistor) that is internally driven LOW to indicate a
busy condition when the STORE (initiated by any means) is in
progress.
Note After each Hardware and Software STORE operation HSB
is driven HIGH for a short time (tHHHD) with standard output high
current and then remains HIGH by internal 100 k
 pull-up
resistor.
Note For successful last data byte STORE, a hardware STORE
should be initiated at least one clock cycle after the last data bit
D0 is received.
Upon completion of the STORE operation, the nvSRAM memory
access is inhibited for tLZHSB time after HSB pin returns HIGH.
Leave the HSB pin unconnected if not used.
Hardware RECALL (Power-Up)
During power-up, when VCC crosses VSWITCH, an automatic
RECALL sequence is initiated which transfers the content of
nonvolatile memory on to the SRAM. The data would previously
have been stored on the nonvolatile memory through a STORE
sequence.
A Power-Up RECALL cycle takes tFA time to complete and the
memory access is disabled during this time. HSB pin can be
used to detect the Ready status of the device.
0.1 uF
VCC
VCAP
VCAP
VSS
VCC


Similar Part No. - CY14C512J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14C512J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com