Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STY139N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. STY139N65M5
Description  N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™ V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STY139N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STY139N65M5
Electrical ratings
Doc ID 022826 Rev 4
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
130
A
ID
Drain current (continuous) at TC = 100 °C
78
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
520
A
PTOT
Total dissipation at TC = 25 °C
625
W
IAR
Max current during repetitive or single pulse avalanche
(pulse width limited by TJMAX)
17
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
2400
mJ
dv/dt(2)
2.
ISD ≤ 130 A, di/dt = 400 A/µs, VDD = 400 V, peak VDS < V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.2
°C/W
Rthj-amb Thermal resistance junction-ambient max
30
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn