Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STY139N65M5 Datasheet(PDF) 12 Page - STMicroelectronics

Part No. STY139N65M5
Description  N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™ V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STY139N65M5 Datasheet(HTML) 12 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STY139N65M5
12/13
Doc ID 022826 Rev 4
5
Revision history
Table 9.
Document revision history
Date
Revision
Changes
09-Mar-2012
1
First release.
04-Apr-2012
2
Inserted new Section 2.1: Electrical characteristics (curves).
Updated Section 4: Package mechanical data.
19-Apr-2012
3
Document promoted from preliminary data to production data.
Updated Section 4: Package mechanical data.
24-Jan-2013
4
– Minor text changes
– Modified: IAR EAS values on Table 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn