Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STY139N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STY139N65M5
Description  N-channel 650 V, 0.014typ., 130 A, MDmesh??V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY139N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STY139N65M5 Datasheet HTML 5Page - STMicroelectronics STY139N65M5 Datasheet HTML 6Page - STMicroelectronics STY139N65M5 Datasheet HTML 7Page - STMicroelectronics STY139N65M5 Datasheet HTML 8Page - STMicroelectronics STY139N65M5 Datasheet HTML 9Page - STMicroelectronics STY139N65M5 Datasheet HTML 10Page - STMicroelectronics STY139N65M5 Datasheet HTML 11Page - STMicroelectronics STY139N65M5 Datasheet HTML 12Page - STMicroelectronics STY139N65M5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STY139N65M5
10/13
Doc ID 022826 Rev 4
Table 8.
Max247 mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.70
5.30
A1
2.20
2.60
b1.00
1.40
b1
2.00
2.40
b2
3.00
3.40
c0.40
0.80
D
19.70
20.30
e5.35
5.55
E
15.30
15.90
L
14.20
15.20
L1
3.70
4.30


Similar Part No. - STY139N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY130NF20D STMICROELECTRONICS-STY130NF20D Datasheet
672Kb / 14P
   N-channel 200 V, 0.01 typ., 130 A STripFET II with fast recovery diode Power MOSFET in a Max247 package
More results

Similar Description - STY139N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
   N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
   N-channel 500 V, 0.019 廓 typ., 110 A, MDmesh??II Power MOSFET in a Max247 package
July 2013 Rev 3
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
   N-channel 650 V, 15 A, 0.250 廓 typ., MDmesh??II Power MOSFET in a I짼PAKFP package
December 2013 Rev 1
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
   N-channel 650 V, 0.087 廓 typ., 32 A MDmesh??M2 Power MOSFET in a TO-220FP package
February 2015 Rev 1
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com