Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STY139N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STY139N65M5
Description  N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™ V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STY139N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STY139N65M5
6/13
Doc ID 022826 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM12612v1
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth=k Rthj-c
δ=tp/τ
tp
τ
AM09125v1
ID
150
100
50
0
0
10
VDS(V)
(A)
5
15
200
250
5V
6V
8V
VGS=10V
300
7V
AM08893v2
ID
150
100
50
0
4
VGS(V)
6
(A)
3
5
7
200
250
300
VDS=30V
8
9
AM08894V2
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
RDS(on)
0.012
0.011
0
40
ID(A)
(
Ω)
20
60
0.013
VGS=10V
80
0.014
0.015
100
0.016
AM12613V1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn