Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV160NF02LT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV160NF02LT4
Description  N-CHANNEL 20V - 0.0016廓 - 160A PowerSO-10 STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV160NF02LT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STV160NF02LT4 Datasheet HTML 1Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 2Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 3Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 4Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 5Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 6Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 7Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STV160NF02L
4/8
Gate Charge vs Gate-source Voltage
Capacitance Variations
Output Characteristics
Tranconductance
Tranfer Characteristics
Static Drain-Source On Resistance
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STV160NF02LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
STV160NF02LA STMICROELECTRONICS-STV160NF02LA Datasheet
531Kb / 8P
   N-CHANNEL 20V - 0.0018W - 160A PowerSO-10 STripFET TM POWER MOSFET
STV160NF02L STMICROELECTRONICS-STV160NF02L_04 Datasheet
327Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
More results

Similar Description - STV160NF02LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
STV160NF02L STMICROELECTRONICS-STV160NF02L_04 Datasheet
327Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
STV160NF02LA STMICROELECTRONICS-STV160NF02LA Datasheet
531Kb / 8P
   N-CHANNEL 20V - 0.0018W - 160A PowerSO-10 STripFET TM POWER MOSFET
STV160NF03LA STMICROELECTRONICS-STV160NF03LA Datasheet
531Kb / 8P
   N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L Datasheet
96Kb / 8P
   N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
   N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STV300NH02L STMICROELECTRONICS-STV300NH02L_1 Datasheet
420Kb / 12P
   N-channel 24V - 0.8m廓 - 280A - PowerSO-10 STripFET??Power MOSFET
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
   N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET??POWER MOSFET
STV250N55F3 STMICROELECTRONICS-STV250N55F3 Datasheet
533Kb / 12P
   N-channel 55 V, 1.5 m廓, 250 A, PowerSO-10 STripFET??Power MOSFET
STV60NE06-16 STMICROELECTRONICS-STV60NE06-16 Datasheet
52Kb / 6P
   N - CHANNEL 60V - 0.013ohm - 60A PowerSO-10 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com