Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27643-24PVXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C27643-24PVXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643-24PVXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C27643-24PVXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 3 of 64
PSoC Functional Overview
The
PSoC
family
consists
of
many
programmable
system-on-chip controller devices. These devices are designed
to replace multiple traditional microcontroller unit (MCU)-based
system
components
with
one,
low-cost
single-chip
programmable device. PSoC devices include configurable
blocks of analog and digital logic, as well as programmable
interconnects. This architecture lets you to create customized
peripheral configurations that match the requirements of each
individual application. Additionally, a fast central processing unit
(CPU), flash program memory, SRAM data memory, and
configurable I/O are included in a range of convenient pinouts
and packages.
The PSoC architecture, as illustrated in Logic Block Diagram on
page 1, consists of four main areas: PSoC core, digital system,
analog system, and system resources. Configurable global
busing allows all the device resources to be combined into a
complete custom system. The PSoC CY8C27x43 family can
have up to five I/O ports that connect to the global digital and
analog interconnects, providing access to eight digital blocks and
12 analog blocks.
PSoC Core
The PSoC core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
GPIO.
The M8C CPU core is a powerful processor with speeds up to
24 MHz, providing a four MIPS 8-bit Harvard architecture
microprocessor. The CPU uses an interrupt controller with 17
vectors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
sleep and watchdog timers (WDT).
Memory encompasses 16 KB of flash for program storage,
256 bytes of SRAM for data storage, and up to 2 K of EEPROM
emulated using the flash. Program flash uses four protection
levels on blocks of 64 bytes, allowing customized software IP
protection.
The PSoC device incorporates flexible internal clock generators,
including a 24-MHz internal main oscillator (IMO) accurate to
2.5% over temperature and voltage. The 24-MHz IMO can also
be doubled to 48 MHz for use by the digital system. A low power
32-kHz internal low speed oscillator (ILO) is provided for the
sleep timer and WDT. If crystal accuracy is desired, the
32.768-kHz external crystal oscillator (ECO) is available for use
as a Real Time Clock (RTC) and can optionally generate a
crystal-accurate 24-MHz system clock using a PLL. The clocks,
together with programmable clock dividers (as a system
resource), provide the flexibility to integrate almost any timing
requirement into the PSoC device.
PSoC GPIOs provide connection to the CPU, digital and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external
interfacing. Every pin also has the capability to generate a
system interrupt on high level, low level, and change from last
read.
Digital System
The digital system is composed of eight digital PSoC blocks.
Each block is an 8-bit resource that can be used alone or
combined with other blocks to form 8-, 16-, 24-, and 32-bit
peripherals, which are called user modules.
Figure 1. Digital System Block Diagram
Digital peripheral configurations include:
PWMs (8- and 16-bit)
PWMs with dead band (8- and 16-bit)
Counters (8- to 32-bit)
Timers (8- to 32-bit)
UART 8-bit with selectable parity (up to two)
SPI slave and master (up to two)
I2C slave and multi-master (one available as a system
resource)
CRC/generator (8- to 32-bit)
IrDA (up to two)
Pseudo random sequence (PRS) generators (8- to 32-bit)
DIGITAL SYSTEM
To SystemBus
DigitalClocks
FromCore
Digital PSoC Block Array
ToAnalog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 4
Port 3
Port 2
Port 1
Port 0
Port 5


Similar Part No. - CY8C27643-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27643-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com