Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CMBR2110 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8CMBR2110
Description  CapSense짰 Express??10-Button Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2110 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8CMBR2110_13 Datasheet HTML 3Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 4Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 5Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 9Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 10Page - Cypress Semiconductor CY8CMBR2110_13 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
CY8CMBR2110
Document Number: 001-74494 Rev. *B
Page 7 of 71
Device Features
CapSense Buttons
Supports up to 10 CapSense buttons
Ground the CSx pin to disable CapSense button input
Connect a 2.2-nF (±10%) capacitor on the CMOD pin for proper
CapSense operation
For proper CapSense operation, ensure CP of each button is
less than 40 pF
SmartSense Auto-Tuning
Supports auto-tuning of CapSense parameters
Does not require manual tuning; all parameters are automati-
cally tuned by the device
Reduces the design cycle time
No manual tuning
Ensures portability of the user interface design
Compensates printed circuit board (PCB) variations, device
process variations, and PCB vendor changes
General Purpose Outputs (GPOs)
GPOx pin outputs are strong drive[3]
The GPOx is controlled by the corresponding CSx
Active low output – supports sinking configuration for LEDs
(see Figure 3)
If CSx is disabled (grounded), then the corresponding GPOx
must be left floating
After power-up on the GPOx, a 5-ms pulse is sent after 350 ms
(if Noise Immunity level is “Normal”) and 1000 ms (if Noise
Immunity level is “High”), if the CSx fails the System
Diagnostics
Figure 3. Example of GPO0 Driven by CS0
CS0
GPO0
Button 
Touched
Button 
Released
Table 2. CY8CMBR2110 Advanced Features
Feature
Benefits
Toggle ON/OFF
Button retains state after touch (ON/OFF)
Flanking Sensor Suppression (FSS)
Avoids multiple button trigger in a design with closely-spaced buttons
Noise Immunity
Improves device immunity to external noise (such as RF noise)
Automatic Threshold
Configurable finger threshold for different noise settings
LED ON Time
Gives an LED effect on button release
Button Auto Reset
Disables false output trigger when the conducting object is placed close to the button
Power-on LED Effects and Button Touch LED
Effects
Provides visual effects to design at power-on and button touch
Standby Mode LED Brightness
Used for LED backlighting
Latch Status Read
No button touch missed by host processor
Attention/Sleep Line to Host
Provides device interrupt to host. Host can use this to read data from the device.
Also controls device operating mode.
Analog Voltage Support
External resistors can be used with GPOs to generate analog voltage output
Sensitivity Control
Maintains optimal button performance for different overlay and noise conditions
Debounce Control
Prevents false trigger of buttons
Buzzer Signal Output
Provides audio feedback on button touch
Host Controlled GPOs
GPO pins, which can be controlled by the host processor through I2C
System Diagnostics
Supports production testing and debugging
Low-Power Sleep Mode and Deep Sleep Mode Low power consumption
Note
3. When a pin is in strong drive mode, it is pulled up to VDD when the output is HIGH and pulled down to Ground when the output is LOW.


Similar Part No. - CY8CMBR2110_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110-24LQXI CYPRESS-CY8CMBR2110-24LQXI Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110-24LQXIT CYPRESS-CY8CMBR2110-24LQXIT Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
More results

Similar Description - CY8CMBR2110_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010_12 Datasheet
1Mb / 31P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110 Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
CY8CMBR2016 CYPRESS-CY8CMBR2016 Datasheet
1Mb / 28P
   CapSense짰 Express??16 Button Matrix Controller
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com