Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27243-24PVXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C27243-24PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27243-24PVXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C27243-24PVXI Datasheet HTML 1Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 2Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 3Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 4Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C27243-24PVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12012 Rev. *X
Revised April 9, 2013
PSoC® Programmable System-on-Chip™
Features
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
8 × 8 multiply, 32-bit accumulate
Low power at high speed
Operating voltage: 3.0 V to 5.25 V
Operating voltages down to 1.0 V using on-chip switch mode
pump (SMP)
Industrial temperature range: –40 C to +85 C
Advanced peripherals (PSoC® blocks)
Twelve rail-to-rail analog PSoC blocks provide:
• Up to 14-bit analog-to-digital converters (ADCs)
• Up to 9-bit digital-to-analog converters (DACs)
• Programmable gain amplifiers (PGAs)
• Programmable filters and comparators
Eight digital PSoC blocks provide:
• 8- to 32-bit timers and counters, 8- and 16-bit pulse-width
modulators (PWMs)
• Cyclical redundancy check (CRC) and pseudo random
sequence (PRS) modules
• Up to two full-duplex universal asynchronous receiver
transmitters (UARTs)
• Multiple serial peripheral interface (SPI)
masters or slaves
• Connectable to all general-purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Precision, programmable clocking
Internal 2.5% 24- / 48-MHz main oscillator
24- / 48-MHz with optional 32 kHz crystal
Optional external oscillator up to 24 MHz
Internal oscillator for watchdog and sleep
Flexible on-chip memory
16 KB flash program storage 50,000 erase/write cycles
256-bytes SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
Electronically erasable programmable read only memory
(EEPROM) emulation in flash
Programmable pin configurations
25-mA sink, 10-mA source on all GPIOs
Pull-up, pull-down, high-Z, strong, or open-drain drive modes
on all GPIOs
Eight standard analog inputs on GPIO, plus four additional
analog inputs with restricted routing
Four 30-mA analog outputs on GPIOs
Configurable interrupt on all GPIOs
Additional system resources
I2C slave, master, and multi-master to 400 kHz
Watchdog and sleep timers
User-configurable low-voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full-featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128 KB trace memory
Logic Block Diagram
DIGITAL SYSTEM
SRAM
256 Bytes
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core (M8C)
SROM
Flash 16 KB
Digital
Block
Array
Multiply
Accum.
Switch
Mode
Pump
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Analog
Input
Muxing
I C
2
Port 4 Port 3 Port 2 Port 1 Port 0 Analog
Drivers
System Bus
Analog
Block
Array
Port 5


Similar Part No. - CY8C27243-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27243-24PVXI CYPRESS-CY8C27243-24PVXI Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27243-24PVXI CYPRESS-CY8C27243-24PVXI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27243-24PVXI CYPRESS-CY8C27243-24PVXI Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27243-24PVXIT CYPRESS-CY8C27243-24PVXIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27243-24PVXIT CYPRESS-CY8C27243-24PVXIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C27243-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com