Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24423A-24PVXAT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C24423A-24PVXAT
Description  Automotive PSoC짰 Programmable System-on-Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24423A-24PVXAT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C24423A-24PVXAT Datasheet HTML 7Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 8Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 9Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 10Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 11Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 12Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 13Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 14Page - Cypress Semiconductor CY8C24423A-24PVXAT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
CY8C24223A, CY8C24423A
Document Number: 001-52469 Rev. *H
Page 11 of 50
Table 5. Register Map Bank 0 Table: User Space
Name
Addr (0,Hex)
Access
Name
Addr (0,Hex)
Access
Name
Addr (0,Hex)
Access
Name
Addr (0,Hex)
Access
PRT0DR
00
RW
40
ASC10CR0
80
RW
C0
PRT0IE
01
RW
41
ASC10CR1
81
RW
C1
PRT0GS
02
RW
42
ASC10CR2
82
RW
C2
PRT0DM2
03
RW
43
ASC10CR3
83
RW
C3
PRT1DR
04
RW
44
ASD11CR0
84
RW
C4
PRT1IE
05
RW
45
ASD11CR1
85
RW
C5
PRT1GS
06
RW
46
ASD11CR2
86
RW
C6
PRT1DM2
07
RW
47
ASD11CR3
87
RW
C7
PRT2DR
08
RW
48
88
C8
PRT2IE
09
RW
49
89
C9
PRT2GS
0A
RW
4A
8A
CA
PRT2DM2
0B
RW
4B
8B
CB
0C
4C
8C
CC
0D
4D
8D
CD
0E
4E
8E
CE
0F
4F
8F
CF
10
50
ASD20CR0
90
RW
D0
11
51
ASD20CR1
91
RW
D1
12
52
ASD20CR2
92
RW
D2
13
53
ASD20CR3
93
RW
D3
14
54
ASC21CR0
94
RW
D4
15
55
ASC21CR1
95
RW
D5
16
56
ASC21CR2
96
RW
I2C_CFG
D6
RW
17
57
ASC21CR3
97
RW
I2C_SCR
D7
#
18
58
98
I2C_DR
D8
RW
19
59
99
I2C_MSCR
D9
#
1A
5A
9A
INT_CLR0
DA
RW
1B
5B
9B
INT_CLR1
DB
RW
1C
5C
9C
DC
1D
5D
9D
INT_CLR3
DD
RW
1E
5E
9E
INT_MSK3
DE
RW
1F
5F
9F
DF
DBB00DR0
20
#
AMX_IN
60
RW
A0
INT_MSK0
E0
RW
DBB00DR1
21
W
61
A1
INT_MSK1
E1
RW
DBB00DR2
22
RW
62
A2
INT_VC
E2
RC
DBB00CR0
23
#
ARF_CR
63
RW
A3
RES_WDT
E3
W
DBB01DR0
24
#
CMP_CR0
64
#
A4
DEC_DH
E4
RC
DBB01DR1
25
W
ASY_CR
65
#
A5
DEC_DL
E5
RC
DBB01DR2
26
RW
CMP_CR1
66
RW
A6
DEC_CR0
E6
RW
DBB01CR0
27
#
67
A7
DEC_CR1
E7
RW
DCB02DR0
28
#
68
A8
MUL_X
E8
W
DCB02DR1
29
W
69
A9
MUL_Y
E9
W
DCB02DR2
2A
RW
6A
AA
MUL_DH
EA
R
DCB02CR0
2B
#
6B
AB
MUL_DL
EB
R
DCB03DR0
2C
#
6C
AC
ACC_DR1
EC
RW
DCB03DR1
2D
W
6D
AD
ACC_DR0
ED
RW
DCB03DR2
2E
RW
6E
AE
ACC_DR3
EE
RW
DCB03CR0
2F
#
6F
AF
ACC_DR2
EF
RW
30
ACB00CR3
70
RW
RDI0RI
B0
RW
F0
31
ACB00CR0
71
RW
RDI0SYN
B1
RW
F1
32
ACB00CR1
72
RW
RDI0IS
B2
RW
F2
33
ACB00CR2
73
RW
RDI0LT0
B3
RW
F3
34
ACB01CR3
74
RW
RDI0LT1
B4
RW
F4
35
ACB01CR0
75
RW
RDI0RO0
B5
RW
F5
36
ACB01CR1
76
RW
RDI0RO1
B6
RW
F6
37
ACB01CR2
77
RW
B7
CPU_F
F7
RL
38
78
B8
F8
39
79
B9
F9
3A
7A
BA
FA
3B
7B
BB
FB
3C
7C
BC
FC
3D
7D
BD
FD
3E
7E
BE
CPU_SCR1
FE
#
3F
7F
BF
CPU_SCR0
FF
#
Blank fields are Reserved and must not be accessed.
# Access is bit specific.


Similar Part No. - CY8C24423A-24PVXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24423A-24PVXAT CYPRESS-CY8C24423A-24PVXAT Datasheet
944Kb / 36P
   Automotive PSoC Programmable System-on-Chip
More results

Similar Description - CY8C24423A-24PVXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21345AUTO CYPRESS-CY8C21345AUTO Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com