Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24223A-24PVXAT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C24223A-24PVXAT
Description  Automotive PSoC짰 Programmable System-on-Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24223A-24PVXAT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C24223A-24PVXAT Datasheet HTML 1Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 2Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 3Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 4Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 5Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 6Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 7Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 8Page - Cypress Semiconductor CY8C24223A-24PVXAT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CY8C24223A, CY8C24423A
Automotive PSoC®
Programmable System-on-Chip
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-52469 Rev. *H
Revised April 24, 2013
Features
Automotive Electronics Council (AEC) Q100 qualified
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
8 × 8 multiply, 32-bit accumulate
Low power at high speed
Operating voltage: 3.0 V to 5.25 V
Automotive temperature range: –40 °C to +85 °C
Advanced peripherals (PSoC
® blocks)
Six rail-to-rail analog PSoC blocks provide:
• Up to 14-bit analog-to-digital converters (ADCs)
• Up to 9-bit digital-to-analog converters (DACs)
• Programmable gain amplifiers (PGAs)
• Programmable filters and comparators
Four digital PSoC blocks provide:
• 8- to 32-bit timers, counters, and pulse width modulators
(PWMs)
• Cyclical redundancy check (CRC) and pseudo-random se-
quence (PRS) modules
• Full- or half-duplex UART
• SPI master or slave
• Connectable to all general purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Precision, programmable clocking
Internal ±5% 24- and 48-MHz oscillator
High accuracy 24 MHz with optional 32-kHz crystal and
phase-locked loop (PLL)
Optional external oscillator, up to 24 MHz
Internal low-speed, low-power oscillator for watchdog and
sleep functionality
Flexible on-chip memory
4 KB flash program storage, 1000 erase/write cycles
256 bytes SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Programmable pin configurations
25 mA sink, 10 mA source on all GPIOs
Pull-up, pull-down, high Z, strong, or open drain drive modes
on all GPIOs
Up to 12 analog inputs on GPIOs
[1]
Two 30 mA analog outputs on GPIOs
Configurable interrupt on all GPIOs
Additional system resources
Inter-Integrated Circuit (I
2C™) slave, master, or multimaster
operation up to 400 kHz
Watchdog and sleep timers
User-configurable low-voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128 KB trace memory
Logic Block Diagram
Note
1. There are eight standard analog inputs on the GPIO. The other four analog inputs connect from the GPIO directly to specific switched-capacitor block inputs. See
the PSoC Technical Reference Manual for more details.
DIGITAL SYSTEM
SRAM
256 Bytes
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC CORE
CPU Core (M8C)
SROM
Flash 4 KB
Digital
Block
Array
Multiply
Accum.
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref
Analog
Input
Muxing
I
2C
(1 Row,
4 Blocks)
System Bus
Analog
Block
Array
(2 Columns,
6 Blocks)
Port 2
Port 1
Analog
Drivers
Port 0


Similar Part No. - CY8C24223A-24PVXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
796Kb / 55P
   PSoC짰 Mixed-Signal Array
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
1Mb / 55P
   PSoC Programmable System-on-Chip
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
1Mb / 65P
   PSoC짰 Programmable System-on-Chip
CY8C24223A-24PVXIT CYPRESS-CY8C24223A-24PVXIT Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
More results

Similar Description - CY8C24223A-24PVXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21345AUTO CYPRESS-CY8C21345AUTO Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com