Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5667AXI-LP040 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C5667AXI-LP040
Description  Programmable System-on-Chip (PSoC짰)
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5667AXI-LP040 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C5667AXI-LP040 Datasheet HTML 5Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 6Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 7Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 8Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 9Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 10Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 11Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 12Page - Cypress Semiconductor CY8C5667AXI-LP040 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. *C
Page 9 of 120
3. Pin Descriptions
IDAC0, IDAC1, IDAC2, IDAC3
Low resistance output pin for high current DACs (IDAC).
Opamp0out, Opamp1out, Opamp2out, Opamp3out
High current output of uncommitted opamp[8].
Extref0, Extref1
External reference input to the analog system.
SAR0 EXTREF, SAR1 EXTREF
External references for SAR ADCs
Opamp0–, Opamp1–, Opamp2–, Opamp3–
Inverting input to uncommitted opamp.
Opamp0+, Opamp1+, Opamp2+, Opamp3+
Noninverting input to uncommitted opamp.
GPIO
General purpose I/O pin provides interfaces to the CPU, digital
peripherals, analog peripherals, interrupts, LCD segment drive,
and CapSense[8].
I2C0: SCL, I2C1: SCL
I2C SCL line providing wake from sleep on an address match. Any
I/O pin can be used for I2C SCL if wake from sleep is not required.
I2C0: SDA, I2C1: SDA
I2C SDA line providing wake from sleep on an address match. Any
I/O pin can be used for I2C SDA if wake from sleep is not required.
Ind
Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi
32.768-kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi
4 to 25 MHz crystal oscillator pin.
nTRST
Optional JTAG Test Reset programming and debug port
connection to reset the JTAG connection.
SIO.
Special I/O provides interfaces to the CPU, digital
peripherals and interrupts with a programmable high threshold
voltage, analog comparator, high sink current, and high
impedance state when the device is unpowered.
SWDCK
Serial Wire Debug Clock programming and debug port connection.
SWDIO
Serial Wire Debug Input and Output programming and debug
port connection.
TCK
JTAG Test Clock programming and debug port connection.
TDI
JTAG Test Data In programming and debug port connection.
TDO
JTAG Test Data Out programming and debug port connection.
TMS
JTAG Test Mode Select programming and debug port connection.
TRACECLK
Cortex-M3 TRACEPORT connection, clocks TRACEDATA pins.
TRACEDATA[3:0].
Cortex-M3 TRACEPORT connections, output data.
SWV.
Single Wire Viewer output.
USBIO, D+
Provides D+ connection directly to a USB 2.0 bus. May be used
as a digital I/O pin; it is powered from VDDD instead of from a
VDDIO. Pins are Do Not Use (DNU) on devices without USB.
USBIO, D–
Provides D– connection directly to a USB 2.0 bus. May be used
as a digital I/O pin; it is powered from VDDD instead of from a
VDDIO. Pins are Do Not Use (DNU) on devices without USB.
VBOOST
Power sense connection to boost pump.
VBAT
Battery supply to boost pump.
VCCA
Output of the analog core regulator or the input to the
analog core.
Requires a 1uF capacitor to VSSA. The regulator
output is not designed to drive external circuits. Note that if you
use the device with an external core regulator (externally
regulated mode), the voltage applied to this pin must not
exceed the allowable range of 1.71 V to 1.89 V.
When using
the internal core regulator, (internally regulated mode, the
default), do not tie any power to this pin. For details see Power
System on page 24.
VCCD.
Output of the digital core regulator or the input to the digital
core.
The two VCCD pins must be shorted together, with the
trace between them as short as possible, and a 1uF capacitor to
VSSD. The regulator output is not designed to drive external
circuits. Note that if you use the device with an external core
regulator (externally regulated mode), the voltage applied to
this pin must not exceed the allowable range of 1.71 V to
1.89 V.
When using the internal core regulator (internally
regulated mode, the default), do not tie any power to this pin. For
details see Power System on page 24.
VDDA
Supply for all analog peripherals and analog core regulator.
VDDA must be the highest voltage present on the device. All
other supply pins must be less than or equal to VDDA.
VDDD
Supply for all digital peripherals and digital core regulator. VDDD
must be less than or equal to VDDA.
VSSA
Ground for all analog peripherals.
VSSB
Ground connection for boost pump.
VSSD
Ground for all digital logic and I/O pins.
Note
8. GPIOs with opamp outputs are not recommended for use with CapSense.


Similar Part No. - CY8C5667AXI-LP040

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C56LP CYPRESS-CY8C56LP Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C5667AXI-LP040

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com