Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C23433-24PVXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C23433-24PVXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C23433-24PVXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C23433-24PVXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C23433-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
CY8C23433, CY8C23533
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-44369 Rev. *G
Revised May 8, 2013
Features
Powerful Harvard-architecture processor
M8C processor speeds to 24 MHz
8x8 multiply, 32-bit accumulate
Low power at high speed
3.0 V to 5.25 V operating voltage
Industrial temperature range: –40 °C to +85 °C
Advanced peripherals (PSoC blocks)
Four Rail-to-Rail analog PSoC blocks provide:
• Up to 14-bit ADCs
• Up to 8-bit DACs
• Programmable gain amplifiers
• Programmable filters and comparators
Four digital PSoC blocks provide:
• 8- to 32-bit timers and counters, 8- and 16-bit pulse-width
modulators (PWMs)
• CRC and PRS modules
• Full-duplex UART
• Multiple SPI
 masters or slaves
• Connectable to all GPIO Pins
Complex peripherals by combining blocks
High-Speed 8-Bit SAR ADC optimized for motor control
Precision, programmable clocking
Internal ±2.5% 24/48 MHz oscillator
High accuracy 24 MHz with optional 32 KHz crystal and PLL
Optional external oscillator, up to 24 MHz
Internal oscillator for watchdog and sleep
Flexible on-chip memory
8K bytes flash program storage 50,000 erase/write cycles
256 bytes SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Programmable pin configurations
25 mA Sink, 10 mA source on all GPIO
Pull-up, pull-down, high Z, strong, or open drain drive modes
on all GPIO
Up to eight analog inputs on GPIO plus two additional analog
inputs with restricted routing
Two 30 mA analog outputs on GPIO
Configurable interrupt on all GPIO
Additional system resources
I
2C
 slave, master, and multi-master to 400 kHz
Watchdog and sleep timers
User-configurable low voltage detection
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full-featured in-circuit emulator and programmer
Full speed emulation
Complex breakpoint structure
128 KB trace memory
DIGITAL SYSTEM
SRAM
256 Bytes
Interrupt
Controller
Sleep and
Watchdog
Multiple ClockSources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC CORE
CPUCore(M 8C)
SROM
Flash 8K
Digital
Block
Array
Multiply
Accum.
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref
Analog
Input
Muxing
I2C
Port 2
Port 1
Port 0
Analog
Drivers
System Bus
Analog
Block Array
1 Row
4 Blocks
2 Columns
4 Blocks
SAR8 ADC
Port 3
Logic Block Diagram


Similar Part No. - CY8C23433-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C23433 CYPRESS-CY8C23433 Datasheet
1Mb / 53P
   PSoC짰 Programmable System-on-Chip?
CY8C23433 CYPRESS-CY8C23433_08 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C23433-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com