Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20347S-24LQXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20347S-24LQXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20347S-24LQXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20347S-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C20347S-24LQXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 7 of 43
Pinouts
The CY8C20x37/47/67/S PSoC device is available in a variety of packages, which are listed and illustrated in the following tables.
Every port pin (labeled with a “P”) is capable of digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES
are not capable of digital I/O.
16-pin SOIC (10 Sensing Inputs)
Table 1. Pin Definitions – CY8C20237-24SXI, CY8C20247/S-24SXI [4]
Pin
No.
Type
Name
Description
Figure 2. CY8C20237-24SXI, CY8C20247/S-24SXI
Device
Digital
Analog
1
I/O
I
P0[3] Integrating Input
2
I/O
I
P0[1] Integrating Input
3
I/O
I
P2[5] Crystal output (XOut)
4
I/O
I
P2[3] Crystal input (XIn)
5
I/O
I
P1[7] I2C SCL, SPI SS
6
I/O
I
P1[5] I2C SDA, SPI MISO
7
I/O
I
P1[3]
8
I/O
I
P1[1] ISSP CLK[5], I2C SCL, SPI
MOSI
9
Power
VSS Ground connection
10
I/O
I
P1[0] ISSP DATA[5], I2C SDA, SPI
CLK[6]
11
I/O
I
P1[2] Driven Shield Output (optional)
12
I/O
I
P1[4] Optional external clock
(EXTCLK)
13
INPUT
XRES Active high external reset with
internal pull-down
14
I/O
I
P0[4]
15
Power
VDD Supply voltage
16
I/O
I
P0[7]
LEGEND
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
SOIC
P0[7], AI
VDD
P0[4], AI
XRES
P1[4], EXTCLK
P1[2], AI
P1[0], ISSP DATA, I2C SDA, SPI CLK, AI
VSS
16
15
14
13
12
11
1
2
3
4
5
6
7
8
AI, P0[3]
AI, P0[1]
AI, P2[5]
AI, P2[3]
AI, P1[7]
AI, P1[5]
AI, P1[3]
AI, ISSP CLK, I2C SCL, SPI MOSI, P1[1]
10
9
Notes
4. 13 GPIOs = 10 pins for capacitive sensing+2 pins for I2C + 1 pin for modulator capacitor.
5. On power-up, the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1]) line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
6. Alternate SPI clock.


Similar Part No. - CY8C20347S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20346-24LQXI CYPRESS-CY8C20346-24LQXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20346-24LQXI CYPRESS-CY8C20346-24LQXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20346-24LQXI CYPRESS-CY8C20346-24LQXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20346-24LQXIT CYPRESS-CY8C20346-24LQXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20346-24LQXIT CYPRESS-CY8C20346-24LQXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20347S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com