Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20667-24LQXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20667-24LQXI
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20667-24LQXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20667-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20667-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CY8C20xx7/S
1.8 V CapSense® Controller with
SmartSense™ Auto-tuning
31 Buttons, 6 Sliders, Proximity Sensors
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-69257 Rev. *I
Revised May 7, 2013
1.8 V CapSense® Controller with SmartSense™ Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Features
QuietZone™ Controller
Patented Capacitive Sigma Delta PLUS (CSD PLUS™)
sensing algorithm for robust performance
High Sensitivity (0.1 pF) and best-in-class SNR performance
to support:
• Overlay thickness of 15 mm for glass and 5 mm plastic
• Proximity Solutions
Superior noise immunity performance against conducted and
radiated noise and ultra low radiated emissions
• Standardized user modules for overcoming noise
Low power CapSense® block with SmartSense Auto-tuning
Low average power consumption –
• 28 µA/sensor in run time (wake-up and scan once every
125 ms)
SmartSense_EMC_PLUS Auto-Tuning
• Sets and maintains optimal sensor performance during run
time
• Eliminates system tuning during development and
production
• Compensates for variations in manufacturing process
Driven shield available on five GPIO pins
Delivers best-in class water tolerant designs
Robust proximity sensing in the presence of metal objects
Supports longer trace lengths
Max load of 100 pF (3 MHz)
Powerful Harvard-architecture processor
M8C CPU with a max speed of 24 MHz
Operating Range: 1.71 V to 5.5 V
Standby Mode 1.1 μA (Typ)
Deep Sleep 0.1 μA (Typ)
Operating Temperature range: –40 oC to +85 oC
Flexible on-chip memory
8 KB flash, 1 KB SRAM
16 KB flash, 2 KB SRAM
32 KB flash, 2 KB SRAM
50,000 flash erase/write cycles
Read while Write with EEPROM emulation
In-system programming simplifies manufacturing process
4 Clock Sources
Internal main oscillator (IMO): 6/12/24 MHz
Internal low-speed oscillator (ILO) at 32 kHz for watchdog
and sleep timers
External 32 KHz Crystal Oscillator
External Clock Input
Programmable pin configurations
Up to 34 general-purpose I/Os (GPIOs)
Dual mode GPIO (Analog and Digital)
High sink current of 25 mA per GPIO
• Max sink current 120 mA for all I/Os combined
Source Current
• 5 mA on ports 0 and 1
• 1 mA on ports 2,3 and 4
Configurable internal pull-up, high-Z and open drain modes
Selectable, regulated digital I/O on port 1
Configurable input threshold on port 1
Versatile Analog functions
Internal analog bus supports connection of multiple sensors
to form ganged proximity sensor
Internal Low-Dropout voltage regulator for high power supply
rejection ratio (PSRR)
Additional system resources
I2C Slave:
• Selectable to 50 kHz, 100 kHz, or 400 kHz
• Selectable Clock stretch or Forced Nack Mode
• I2C wake from sleep with Hardware address match
12 MHz (Configurable) SPI master and slave
Three 16-bit timers
Watchdog and sleep timers
Integrated supervisory circuit
10-bit incremental analog-to-digital converter (ADC) with
internal voltage reference
Two general-purpose high speed, low power analog
comparators
Complete development tools
Free development tool (PSoC Designer™)
Sensor and Package options
10 Sensing Inputs – 16-pin QFN, 16-pin SOIC
16 Sensing Inputs – 24-pin QFN
24 Sensing Inputs – 30-pin WLCSP [1]
25 Sensing Inputs – 32-pin QFN
31 Sensing Inputs – 48-pin QFN
Note
1. Please contact your nearest sales office for additional details.


Similar Part No. - CY8C20667-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20666-24LTXI CYPRESS-CY8C20666-24LTXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20666-24LTXI CYPRESS-CY8C20666-24LTXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20666-24LTXI CYPRESS-CY8C20666-24LTXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20666-24LTXIT CYPRESS-CY8C20666-24LTXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20666-24LTXIT CYPRESS-CY8C20666-24LTXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20667-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com