Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4640 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY4640
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4640 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY4640 Datasheet HTML 1Page - Cypress Semiconductor CY4640 Datasheet HTML 2Page - Cypress Semiconductor CY4640 Datasheet HTML 3Page - Cypress Semiconductor CY4640 Datasheet HTML 4Page - Cypress Semiconductor CY4640 Datasheet HTML 5Page - Cypress Semiconductor CY4640 Datasheet HTML 6Page - Cypress Semiconductor CY4640 Datasheet HTML 7Page - Cypress Semiconductor CY4640 Datasheet HTML 8Page - Cypress Semiconductor CY4640 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
CY7C67300
Document Number: 38-08015 Rev. *L
Page 3 of 112
Introduction
EZ-Host™ (CY7C67300) is Cypress Semiconductor’s first
full-speed, low cost multiport host/peripheral controller. EZ-Host
is designed to easily interface to most high performance CPUs
to add USB host functionality. EZ-Host has its own 16-bit RISC
processor to act as a coprocessor or operate in standalone
mode. EZ-Host also has a programmable IO interface block
allowing a wide range of interface options.
Functional Overview
An overview of the processor core components are presented in
this section.
Processor Core
EZ-Host has a general purpose 16-bit embedded RISC
processor that runs at 48 MHz.
Clocking
EZ-Host requires a 12 MHz source for clocking. Either an
external crystal or TTL level oscillator may be used. EZ-Host has
an internal PLL that produces a 48 MHz internal clock from the
12 MHz source.
Memory
EZ-Host has a built in 4K × 16 masked ROM and an 8K × 16
internal RAM. The masked ROM contains the EZ-Host BIOS.
The internal RAM can be used for program code or data.
Interrupts
EZ-Host provides 128 interrupt vectors. The first 48 vectors are
hardware interrupts and the following 80 vectors are software
interrupts.
General Timers and Watchdog Timer
EZ-Host has two built in programmable timers and a Watchdog
timer. All three timers can generate an interrupt to the EZ-Host.
Power Management
EZ-Host has one main power saving mode, Sleep. Sleep mode
pauses all operations and provides the lowest power state.
Interface Descriptions
EZ-Host has a wide variety of interface options for connectivity.
With several interface options available, EZ-Host can act as a
seamless data transport between many different types of
devices.
See Table 1 and Table 2 on page 4 to understand how the inter-
faces share pins and which can coexist. Note that some inter-
faces have more then one possible port location selectable
through the GPIO control register [0xC006]. General guidelines
for interfaces are as follows:
HPI and IDE interfaces are mutually exclusive.
If 16-bit external memory is required, then HSS and SPI default
locations must be used.
I
2C EEPROM and OTG do not conflict with any interfaces.
Note
1. Default interface location.
Table 1. Interface Options for GPIO Pins
GPIO Pins
HPI
IDE
PWM
HSS
SPI
UART
I2C
OTG
GPIO31
SCL/SDA
GPIO30
SCL/SDA
GPIO29
OTGID
GPIO28
TX
GPIO27
RX
GPIO26
PWM3
CTS[1]
GPIO25
GPIO24
INT
IOREADY
GPIO23
nRD
IOR
GPIO22
nWR
IOW
GPIO21
nCS
GPIO20
A1
CS1
GPIO19
A0
CS0
GPIO18
A2
PWM2
RTS[1]
GPIO17
A1
PWM1
RXD[1]
GPIO16
A0
PWM0
TXD[1]
GPIO15
D15
D15
GPIO14
D14
D14
GPIO13
D13
D13
GPIO12
D12
D12
GPIO11
D11
D11
MOSI[1]


Similar Part No. - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4640 CYPRESS-CY4640 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
More results

Similar Description - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com