Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68003-20FNXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C68003-20FNXI
Description  MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68003-20FNXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C68003-20FNXI Datasheet HTML 1Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 2Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 3Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 4Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 5Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 6Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 7Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 8Page - Cypress Semiconductor CY7C68003-20FNXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY7C68003
MoBL-USB™ TX2UL USB 2.0
ULPI Transceiver
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-15775 Rev. *L
Revised March 22, 2013
Features
The Cypress MoBL-USB™ TX2UL is a low voltage high speed
(HS) USB 2.0 UTMI+ Low Pin Interface (ULPI) Transceiver. The
TX2UL is specifically designed for mobile handset applications
by offering tiny package options and low power consumption.
USB 2.0 Full Speed and High Speed compliant transceiver
Multi range (1.8 V to 3.3 V) I/O voltages
Fully compliant ULPI link interface
8-bit SDR ULPI data path
UTMI+ level 0 support
Support USB device mode only
Integrated oscillator
Integrated phase locked loop (PLL) – 13, 19.2, 24, or 26 MHz
reference
Integrated USB pull-up and termination resistors
3.0 V to 5.775 V VBATT input
Chip select pin
Single ended device RESET input
UART pass through mode
ESD compliance:
JESD22-A114D 8 kV Contact human body model (HBM) for
DP, DM, and VSS pins
IEC61000 - 4-2 8 kV contact discharge
IEC61000 - 4-2 15 kV air discharge
Support for industrial temperature range: (-40 C to 85 C)
Low power consumption for mobile applications:
5 µA nominal sleep mode
30 mA nominal active HS transfer
Small package for mobile applications:
2.14 x 1.76 mm 20-pin WLCSP 0.4 mm pitch
4 x 4 mm 24-pin QFN
Applications
Mobile phones
PDAs
Portable media players (PMPs)
DTV applications
Portable GPS units
TX2UL
ULPI Block
XOSC
ULPI Wrapper
UTMI+
Level0
DATA[7:0]
CLOCK
DIR
STP
NXT
XI
XO
VBATT
13/19.2/
24/26 MHz
RESET_N
DP
DM
I/O
Control/
Data
Logic
Operational
mode
tracking
interrupt
Tx/Rx
Core
Registers
Block
Global Control Block
Reset / Clock / Power /
Misc. Control
POR
PLL
1.8 V
Bandgap
USB
FS/HS
PHY
CS_N
3.3 V
Regulator
Block
(3.0 –
5.775 V)
VCC
(1.8 V)
RXD
TXD
TX2UL Block Diagram


Similar Part No. - CY7C68003-20FNXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003-20FNXI CYPRESS-CY7C68003-20FNXI Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results

Similar Description - CY7C68003-20FNXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
96Kb / 6P
   HS USB ULPI transceiver
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com