Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9057BRSZ-60 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9057BRSZ-60
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057BRSZ-60 Datasheet(HTML) 3 Page - Analog Devices

  AD9057BRSZ-60 Datasheet HTML 1Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 2Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 3Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 4Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 5Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 6Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 7Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 8Page - Analog Devices AD9057BRSZ-60 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. D
–3–
AD9057
Test
AD9057BRS-40
AD9057BRS-60
AD9057BRS-80
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Logic 1 Voltage (VDD = 3 V)
Full
VI
2.95
2.95
2.95
V
Logic 1 Voltage (VDD = 5 V)
Full
IV
4.95
4.95
4.95
V
Logic 0 Voltage
Full
VI
0.05
0.05
0.05
V
Output Coding
Offset Binary Code
Offset Binary Code
Offset Binary Code
POWER SUPPLY
VD Supply Current (VD = 5 V)
Full
VI
36
48
38
48
40
51
mA
VDD Supply Current (VDD = 3 V)
4
Full
VI
4.0
6.5
5.5
6.5
7.4
8.8
mA
Power Dissipation
5, 6
Full
VI
192
260
205
260
220
281
mW
Power-Down Dissipation
Full
VI
6
10
6
10
6
10
mW
Power Supply Rejection Ratio
(PSRR)
25
∞CV
333
mV/V
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 2.5 V external reference).
2t
V and tPD are measured from the 1.5 V level of the encode to the 10%/90% levels of the digital output swing. The digital output load during test is not to exceed
an ac load of 10 pF or a dc current of
±40 mA.
3SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 1.0 V full-scale input range.
4Digital supply current based on V
DD = 3 V output drive with <10 pF loading under dynamic test conditions.
5Power dissipation is based on specified encode and 10.3 MHz analog input dynamic test conditions (V
D = 5 V
± 5%, VDD = 3 V ± 5%).
6Typical thermal impedance for the RS style (SSOP) 20-lead package :
qJC = 46∞C/W, qCA = 80∞C/W, and qJA = 126∞C/W.
Specifications subject to change without notice.
N
N + 3
N + 1
N + 2
N + 4
N + 5
AIN
ENCODE
DIGITAL
OUTPUTS
tA
tEH
tEL
tV
tPD
N – 3
N – 2
N – 1
N
N + 1
N + 2
APERTURE DELAY
PULSEWIDTH HIGH
PULSEWIDTH LOW
OUTPUT VALID TIME
OUTPUT PROP DELAY
tA
tEH
tEL
tV
tPD
4.0 ns
2.7 ns
6.6 ns
9.5 ns
166 ns
166 ns
MIN
TYP
MAX
Figure 1. Timing Diagram
EXPLANATION OF TEST LEVELS
Test Level
Description
I
100% production tested.
II
100% production tested at 25
∞C and sample
tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and charac-
terization testing.
VParameter is a typical value only.
VI
100% production tested at 25
∞C; guaranteed
by design and characterization testing
for industrial temperature range.


Similar Part No. - AD9057BRSZ-60

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results

Similar Description - AD9057BRSZ-60

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com