Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25652KV18-400BZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C25652KV18-400BZXI
Description  72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25652KV18-400BZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C25652KV18-400BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C25652KV18-400BZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C25632KV18
CY7C25652KV18
Document Number: 001-66482 Rev. *D
Page 6 of 31
Functional Overview
The CY7C25632KV18, CY7C25652KV18 are synchronous
pipelined Burst SRAMs equipped with a read port and a write
port. The read port is dedicated to read operations and the write
port is dedicated to write operations. Data flows into the SRAM
through the write port and flows out through the read port. These
devices multiplex the address inputs to minimize the number of
address pins required. By having separate read and write ports,
the QDR II+ completely eliminates the need to “turn-around” the
data bus and avoids any possible data contention, thereby
simplifying system design. Each access consists of four 18-bit
data transfers in the case of CY7C25632KV18, and four 36-bit
data transfers in the case of CY7C25652KV18, in two clock
cycles.
These devices operate with a read latency of two and half cycles
when DOFF pin is tied HIGH. When DOFF pin is set LOW or
connected to VSS then device behaves in QDR I mode with a
read latency of one clock cycle.
Accesses for both ports are initiated on the positive input clock
(K). All synchronous input and output timing are referenced from
the rising edge of the input clocks (K and K).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the input clocks (K and K). All synchronous data
outputs (Q[x:0]) outputs pass through output registers controlled
by the rising edge of the input clocks (K and K) as well.
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C25632KV18 is described in the following sections. The
same basic descriptions apply to CY7C25652KV18.
Read Operations
The CY7C25632KV18 is organized internally as four arrays of
1 M × 18. Accesses are completed in a burst of four sequential
18-bit data words. Read operations are initiated by asserting
RPS active at the rising edge of the positive input clock (K). The
address presented to the address inputs is stored in the read
address register. Following the next two K clock rise, the
corresponding lowest order 18-bit word of data is driven onto the
Q[17:0] using K as the output timing reference. On the
subsequent rising edge of K, the next 18-bit data word is driven
onto the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data is
valid 0.45 ns from the rising edge of the input clock (K or K). To
maintain the internal logic, each read access must be allowed to
complete. Each read access consists of four 18-bit data words
and takes two clock cycles to complete. Therefore, read
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device ignores the second
read request. Read accesses can be initiated on every other K
clock rise. Doing so pipelines the data flow such that data is
transferred out of the device on every rising edge of the input
clocks (K and K).
When the read port is deselected, the CY7C25632KV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tri-states the outputs following the next
rising edge of the negative input clock (K). This enables for a
seamless transition between devices without the insertion of wait
states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting WPS active at the
rising edge of the positive input clock (K). On the following K
clock rise the data presented to D[17:0] is latched and stored into
DOFF
Input
PLL Turn Off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The
timings in the PLL turned off operation differs from those listed in this data sheet. For normal operation,
this pin can be connected to a pull up through a 10 k
 or less pull up resistor. The device behaves in
QDR I mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up
to 167 MHz with QDR I timing.
TDO
Output
TDO Pin for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C25652KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25652KV18-400BZXI CYPRESS-CY7C25652KV18-400BZXI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C25652KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com