Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25632KV18-400BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C25632KV18-400BZC
Description  72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25632KV18-400BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C25632KV18-400BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C25632KV18-400BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C25632KV18
CY7C25652KV18
Document Number: 001-66482 Rev. *D
Page 8 of 31
Application Example
Figure 2 shows two QDR II+ used in an application.
Figure 2. Application Example
BUS MASTER
(CPU or ASIC)
DATA IN
DATA OUT
Address
Source K
Source K
Vt
Vt
Vt
R
R
D
A
K
SRAM #2
RQ = 250 ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
D
A
K
SRAM #1
RQ = 250 ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
RPS
WPS
BWS
CLKIN1/CLKIN1
R = 50ohms, Vt = V
/2
DDQ
R
ODT
ODT
ODT
R
CLKIN2/CLKIN2


Similar Part No. - CY7C25632KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C25632KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com