Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25632KV18-450BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C25632KV18-450BZXI
Description  72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25632KV18-450BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C25632KV18-450BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C25632KV18-450BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C25632KV18
CY7C25652KV18
Document Number: 001-66482 Rev. *D
Page 9 of 31
Truth Table
The truth table for CY7C25632KV18, and CY7C25652KV18 follows. [4, 5, 6, 7, 8, 9]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the
rising edge of K; input
write data on two
consecutive K and K
rising edges.
L–H
H [10] L [11] D(A) at K(t + 1)
 D(A + 1) at K(t + 1) D(A + 2) at K(t + 2) D(A + 3) at K(t + 2)
Read Cycle:
(2.5 cycle Latency)
Load address on the
rising edge of K; wait two
and half cycles; read data
on two consecutive K and
K rising edges.
L–H
L [11]
X
Q(A) at K(t + 2)
 Q(A + 1) at K(t + 3) Q(A + 2) at K(t + 3) Q(A + 3) at K(t + 4)
NOP: No Operation
L–H
H
H
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Previous State
Previous State
Notes
4. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
5. Device powers up deselected with the outputs in a tri-state condition.
6. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A + 3 represents the address sequence in the burst.
7. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle.
8. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges as well.
9. Ensure that when clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically.
10. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
11. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.


Similar Part No. - CY7C25632KV18-450BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18-450BZXI CYPRESS-CY7C25632KV18-450BZXI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C25632KV18-450BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com