Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5449YRUZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD5449YRUZ-REEL
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5449YRUZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5449YRUZ-REEL Datasheet HTML 7Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 8Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 9Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 10Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 11Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 12Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 13Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 14Page - Analog Devices AD5449YRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 11 of 32
0
2
4
6
8
10
12
14
10k
1k
10
100
1
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
LOADING ZS TO FS
VDD = 5V
VDD = 3V
VDD = 2.5V
Figure 19. Supply Current vs. Update Rate
–102
–66
–54
–42
–30
–18
–6
6
1
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
LOADING
ZS TO FS
0
–60
–48
–36
–24
–12
–84
–72
–78
–90
–96
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AMP = AD8038
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
10
Figure 20. Reference Multiplying Bandwidth vs. Frequency and Code
–0.8
–0.6
–0.4
–0.2
0
0.2
10k
1k
10
100
1
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AMP = AD8038
Figure 21. Reference Multiplying Bandwidth—All 1s Loaded
–9
–6
–3
0
3
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
VREF = ±2V, AD8038 CC 1.47pF
VREF = ±2V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1.47pF
VREF = ±3.51V, AD8038 CC 1.8pF
Figure 22. Reference Multiplying Bandwidth vs. Frequency
and Compensation Capacitor
–0.010
–0.005
0.005
0.025
0.035
0.045
0.015
0
0.020
0.030
0.040
0.010
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
TA = 25°C
VREF = 0V
AMP = AD8038
CCOMP = 1.8pF
0x7FF TO 0x800
0x800 TO 0x7FF
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
Figure 23. Midscale Transition, VREF = 0 V
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
–1.77
–1.76
–1.75
–1.74
–1.73
–1.72
–1.71
–1.70
–1.69
–1.68
0x7FF TO 0x800
0x800 TO 0x7FF
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
TA = 25°C
VREF = 3.5V
AMP = AD8038
CCOMP = 1.8pF
Figure 24. Midscale Transition, VREF = 3.5 V


Similar Part No. - AD5449YRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ-REEL AD-AD5449YRUZ-REEL Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRUZ-REEL AD-AD5449YRUZ-REEL Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
AD5449YRUZ-REEL7 AD-AD5449YRUZ-REEL7 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRUZ-REEL7 AD-AD5449YRUZ-REEL7 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Similar Description - AD5449YRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com