Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67200-48BAXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C67200-48BAXIT
Description  EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67200-48BAXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C67200-48BAXIT Datasheet HTML 5Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 6Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 9Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 10Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 11Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 12Page - Cypress Semiconductor CY7C67200-48BAXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
CY7C67200
Document Number: 38-08014 Rev. *I
Page 9 of 92
Operational Modes
There are two modes of operation: Coprocessor and Stand-
alone.
Coprocessor Mode
EZ-OTG can act as a coprocessor to an external host processor.
In this mode, an external host processor drives EZ-OTG and is
the main processor rather then EZ-OTG’s own 16-bit internal
CPU. An external host processor may interface to EZ-OTG
through one of the following three interfaces in coprocessor
mode:
HPI mode, a 16-bit parallel interface with up to 16 MBytes
transfer rate
HSS mode, a serial interface with up to 2M baud transfer rate
SPI mode, a serial interface with up to 2 Mbits/s transfer rate.
At bootup GPIO[31:30] determine which of these three interfaces
are used for coprocessor mode. Refer to Table 14 for details.
Bootloading begins from the selected interface after POR + 3 ms
of BIOS bootup.
Standalone Mode
In standalone mode, there is no external processor connected to
EZ-OTG. Instead, EZ-OTG’s own internal 16-bit CPU is the main
processor and firmware is typically downloaded from an
EEPROM. Optionally, firmware may also be downloaded via
USB. Refer to Table 14 for booting into standalone mode.
After booting into standalone mode (GPIO[31:30] = ‘11’), the fol-
lowing pins are affected:
GPIO[31:30] are configured as output pins to examine the
EEPROM contents.
GPIO[28:27] are enabled for debug UART mode.
GPIO[29] is configured as OTGID for OTG applications on
PORT1A.
If OTGID is logic 1 then PORT1A (OTG) is configured as a
USB peripheral.
If OTGID is logic 0 then PORT1A (OTG) is configured as a
USB host.
Ports 1B, 2A, and 2B default as USB peripheral ports.
All other pins remain INPUT pins.
Minimum Hardware Requirements for Standalone Mode – Peripheral Only
Figure 5. Minimum Standalone Hardware Configuration – Peripheral Only
EZ-OTG
CY7C67200
GPIO[30]
GPIO[31]
SCL*
SDA*
10k
Bootstrap Options
Bootloading Firmware
*Bootloading begins after POR + 3ms BIOS bootup
Vcc
10k
Vcc
A2
GND
A0
A1
SCL
SDA
VCC
WP
VCC
Up to 64k x8
EEPROM
*GPIO[31:30]
31
30
Up to 2k x8
SCL SDA
>2k x8 to 64k x8
SDA SCL
Int. 16k x8
Code / Data
XOUT
XIN
12MHz
22pf
22pf
nRESET
Reset
Logic
* Parallel Resonant
Fundamental Mode
500uW
20-33pf ±5%
VCC, AVCC,
BoostVCC
VReg
DMinus
DPlus
Standard-B
or Mini-B
D+
VBus
GND
D-
SHIELD
Reserved
GND, AGND,
BoostGND


Similar Part No. - CY7C67200-48BAXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200-48BAXI CYPRESS-CY7C67200-48BAXI Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200-48BAXI CYPRESS-CY7C67200-48BAXI Datasheet
1Mb / 78P
   EZ-OTG Programmable USB On-The-Go Package option: 48-pin FBGA
More results

Similar Description - CY7C67200-48BAXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_11 Datasheet
1Mb / 78P
   EZ-OTG Programmable USB On-The-Go Package option: 48-pin FBGA
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com