Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64345-32LQXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C64345-32LQXCT
Description  enCoRe??V Full Speed USB Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64345-32LQXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C64345-32LQXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CY7C6431x
CY7C6434x
CY7C6435x
enCoRe™ V Full Speed USB Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-12394 Rev. *P
Revised April 23, 2013
enCoRe™ V Full Speed USB Controller
Features
Powerful Harvard-architecture processor
M8C processor speeds running up to 24 MHz
Low power at high processing speeds
Interrupt controller
3.0 V to 5.5 V operating voltage without USB
Operating voltage with USB enabled:
• 3.15 V to 3.45 V when supply voltage is around 3.3 V
• 4.35 V to 5.25 V when supply voltage is around 5.0 V
Commercial temperature range: 0°C to +70°C
Industrial temperature range: –40 °C to +85 °C
Flexible on-chip memory
Up to 32 KB flash program storage:
• 50,000 erase and write cycles
• Flexible protection modes
Up to 2048 bytes SRAM data storage
In-system serial programming (ISSP)
Complete development tools
Free development tool PSoC Designer™
Full-featured, in-circuit emulator and programmer
Full-speed emulation
Complex breakpoint structure
128-KB trace memory
Precision, programmable clocking
Crystal-less oscillator with support for an external crystal or
resonator
Internal ±5.0% 6, 12, or 24 MHz main oscillator (IMO):
• 0.25% accuracy with oscillator lock to USB data, no
external components required
• Internal low-speed oscillator (ILO) at 32 kHz for watchdog
and sleep. The frequency range is 19 to 50 kHz with a
32-kHz typical value
Programmable pin configurations
Up to 36 general purpose I/O (GPIO) depending on package.
25 mA sink current on all GPIO
• 60mA total sink current on Even port pins and 60 mA total
sink current on Odd port pins
• 120 mA total sink current on all GPIOs
Pull-up, High Z, open drain, CMOS drive modes on all GPIO
CMOS drive mode A -5 mA source current on ports 0 and 1
and 1 mA on ports 2, 3, and 4
• 20 mA total source current on all GPIOs
Low dropout voltage regulator for Port 1 pins:
• Programmable to output 3.0, 2.5, or 1.8 V
Selectable, regulated digital I/O on Port 1
Configurable input threshold for Port 1
Hot-swappable Capability on Port 1
Full-Speed USB (12 Mbps)
Eight unidirectional endpoints
One bidirectional control endpoint
USB 2.0-compliant: TID# 40000893
Dedicated 512 bytes buffer
No external crystal required
Additional system resources
Configurable communication speeds
I2C slave:
• Selectable to 50 kHz, 100 kHz, or 400 kHz
• Implementation requires no clock stretching
• Implementation during sleep modes with less than 100
A
• Hardware address detection
SPI master and SPI slave:
• Configurable between 46.9 kHz and 12 MHz
Three 16-bit timers
10-bit ADC used to monitor battery voltage or other signals
with external components
Watchdog and sleep timers
Integrated supervisory circuit
System Bus
6/12/24 MHz Internal Main Oscillator
CPU Core (M8C)
SROM
8K/16K/32K Flash
SYSTEM RESOURCES
I2C Slave/SPI
Master-Slave
POR and LVD
System Resets
Port 1
Port 0
Sleep and
Watchdog
Full
Speed
USB
Port 3
Port 2
Prog. LDO
SRAM
2048 Bytes
Interrupt
Controller
enCoRe V
CORE
3 16-Bit
Timers
Port 4
ADC
enCoRe V Block Diagram


Similar Part No. - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
More results

Similar Description - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com